Electronic Components Datasheet Search
  English  ▼

X  

LTG2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTG2
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTG2 Datasheet HTML 4Page - Linear Technology LTG2 Datasheet HTML 5Page - Linear Technology LTG2 Datasheet HTML 6Page - Linear Technology LTG2 Datasheet HTML 7Page - Linear Technology LTG2 Datasheet HTML 8Page - Linear Technology LTG2 Datasheet HTML 9Page - Linear Technology LTG2 Datasheet HTML 10Page - Linear Technology LTG2 Datasheet HTML 11Page - Linear Technology LTG2 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3464
8
3464f
VOUT (V)
3464 F02
10
25
20
15
10
5
0
25
15
20
30
35
L = 22
µH
L = 47
µH
L = 4.7
µH
L = 10
µH
VOUT (V)
3464 F03
25
20
15
10
5
0
25
15
20
30
35
L = 22
µH
L = 47
µH
L = 4.7
µH
L = 10
µH
VOUT (V)
3464 F01
10
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
25
15
20
30
35
L = 22
µH
L = 10
µH
L = 47
µH
L = 4.7
µH
APPLICATIO S I FOR ATIO
Choosing an Inductor
The low current limit and fast switching of the LT3464
allow the use of very small surface mount inductors. The
minimum inductor size that may be used in a given
application depends on required efficiency and output
current. Some inductors that work with the LT3464 are
listed in Table 1, although there are many other manufac-
turers and devices that can be used. Consult each manu-
facturer for more detailed information and for their entire
selection of related parts. Many different sizes and shapes
are available.
Table 1. Recommended Inductors
PART NUMBER
µH
DCR
CURRENT
MANUFACTURER
(
Ω)
(mA)
LQH32CN680K53
68
2.2
130
Murata
LQH32CN470K53
47
1.3
170
814-237-1431
LQH32CN220K53
22
0.71
250
www.murata.com
ELJPC220KF
22
4.0
160
Panasonic
ELJPA470KF
47
2.25
135
714-373-7334
www.panasonic.com
CMD4D11-47
47
2.2
180
Sumida
847-956-0666
www.Sumida.com
LB2016-220
22
1.0
105
Taiyo Yuden
LEM2520-220
22
5.5
125
408-573-4150
LEM2520-330
33
7.1
110
www.t-yuden.com
LEMC2520-220
22
2.7
160
LEMC2520-330
33
4.8
120
LEMF2520-220
22
1.2
105
LEMC3225-680
68
3.3
120
LEMC3225-101
100
4.3
100
in discontinuous mode. If the left hand side of inequality 1
evaluates to less than tOFF, then use Equation 3 to calculate
maximum output current. Otherwise, use Equation 2.
This inequality is true when the LT3464 is operating in
discontinuous mode.
LI
VV
V
t
LIM
OUT
IN
F
OFF
(–
)
+
<
(INEQUALITY 1)
Use this equation to calculate the maximum output current
when the LT3464 is operating in continuous mode.
I
LI
t
V
V
V
V
V
LV
V
V
OUT CM
LIM
OFF IN
OUT
F
IN
CESAT
OUT
CESAT
F
()
(
(
–
–
))(
–
)
(–
)
=
+
+
2
2
(2)
Use this equation to calculate the maximum output current
when the LT3464 is operating in discontinuous mode.
I
LI
V
V
LI
V t
t
V
V
V
V
OUT DCM
LIM
IN
CESAT
LIM
IN OFF
OFF
CESAT
IN
OUT
F
()
(–
)
(
–
)(–
)
=
++
+
2
2
(3)
Where VF is the Schottky forward voltage, ILIM is the switch
current limit, tOFF is the switch off time, and VCESAT is the
switch saturation voltage. See the Electrical Specifications.
Figures 1 through 3 show the worst-case maximum output
current as given by Equations 2 and 3 using 20% inductor
derating and worst-case LT3464 specifications. Also note
that for some applications the maximum output current is
limited to 25mA by the output disconnect circuitry.
The following set of formulas can be used to calculate
maximum output current given VIN, VOUT and L values.
Inequality 1 is used to determine if the LT3464 is operating
Figure 3. Maximum Output Current
VIN = 8.4V
Figure 2. Maximum Output Current
VIN = 5V
Figure 1. Maximum Output Current
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com