Electronic Components Datasheet Search
  English  ▼

X  

LTG2 Datasheet(PDF) 16 Page - Linear Technology

Part # LTG2
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG2 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTG2 Datasheet HTML 8Page - Linear Technology LTG2 Datasheet HTML 9Page - Linear Technology LTG2 Datasheet HTML 10Page - Linear Technology LTG2 Datasheet HTML 11Page - Linear Technology LTG2 Datasheet HTML 12Page - Linear Technology LTG2 Datasheet HTML 13Page - Linear Technology LTG2 Datasheet HTML 14Page - Linear Technology LTG2 Datasheet HTML 15Page - Linear Technology LTG2 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3464
16
3464f
PART NUMBER
DESCRIPTION
COMMENTS
LT1613
550mA (ISW), 1.4MHz, High Efficiency
VIN = 0.9V to 10V, VOUT(MAX) = 34V, IQ = 3mA, ISD = <1µA,
Step-Up DC/DC Converter
ThinSOT Package
LT1615/
300mA/80mA (ISW), Constant Off-Time,
VIN = 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD = <1µA,
LT1615-1
High Efficiency Step-Up DC/DC Converter
ThinSOT Package
LT1618
Constant Current, Constant Voltage, 1.4MHz,
VIN = 1.6V to 18V, VOUT(MAX) = 34V, IQ = 1.8mA, ISD = <1µA,
High Efficiency Boost Regulator
MS Package, Up to 6 White LEDs
LT1932
Constant Current, 1.2MHz, High Efficiency
VIN = 1V to 10V, VOUT(MAX) = 34V, IQ = 1.2mA, ISD = <1µA,
White LED Boost Regulator
ThinSOT Package, Up to 8 White LEDs
LT1937
Constant Current, 1.2MHz, High Efficiency
VIN = 2.5V to 10V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD = <1µA,
White LED Boost Regulator
SC-70, ThinSOT Packages, Up to 4 White LEDs
LT1944
Dual Output 350mA (ISW), Constant Off-Time,
VIN = 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD = <1µA,
High Efficiency Step-Up DC/DC Converter
MS Package
LT1944-1
Dual Output 150mA (ISW), Constant Off-Time,
VIN = 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD = <1µA,
High Efficiency Step-Up DC/DC Converter
MS Package
LT1945
Dual Output,
±350mA (ISW), Constant Off-Time,
VIN = 1.2V to 15V, VOUT(MAX) = ±34V, IQ = 20µA, ISD = <1µA,
High Efficiency Step-Up DC/DC Converter
MS Package
LTC3200/
Low Noise, 2MHz, Regulated Charge Pump
VIN = 2.7V to 4.5V, IQ = 8mA, ISD = <1µA,
LTC3200-5
White LED Driver
MS, ThinSOT Packages, Up to 6 White LEDs
LTC3201
Low Noise, 1.7MHz, Regulated Charge Pump
VIN = 2.7V to 4.5V, IQ = 6.5mA, ISD = <1µA,
White LED Driver
MS Package, Up to 6 White LEDs
LTC3202
Low Noise, 1.5MHz, Regulated Charge Pump
VIN = 2.7V to 4.5V, IQ = 5mA, ISD = <1µA,
White LED Driver
MS Package, Up to 8 White LEDs
LTC3400/
600mA (ISW), 1.2MHz, Synchronous
VIN = 0.85V to 5V, VOUT(MAX) = 5V, IQ = 19µA/300µA, ISD = <1µA,
LTC3400B
Step-Up DC/DC Converter
ThinSOT Package
LTC3401
1A (ISW), 3MHz, Synchronous
VIN = 0.5V to 5V, VOUT(MAX) = 6V, IQ = 38µA, ISD = <1µA,
Step-Up DC/DC Converter
MS Package
LTC3402
2A (ISW), 3MHz, Synchronous
VIN = 0.5V to 5V, VOUT(MAX) = 6V, IQ = 38µA, ISD = <1µA,
Step-Up DC/DC Converter
MS Package
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0204 1K • PRINTED IN USA
RELATED PARTS
20V Output Converter with Variable Output Voltage
and Shutdown
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
20V
SW
GND
OUT
CAP
FB
LT3464
L1
22
µH
C1
1
µF
C2
0.33
µF
C3
0.22
µF
R2
4.53M
R1
301k
1
8
7
6
3
5
2
4
3464 TA09
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2: TAIYO YUDEN GMK212 BJ334MG-T
C3: TAIYO YUDEN GMK212 BJ224MG-T
L1: MURATA LQH32CN220K
DAC
µC
VIN (V)
IOUT (mA)
3.6
5.0
5.0
6.5
8.4
11.0
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com