Electronic Components Datasheet Search
  English  ▼

X  

LTG2 Datasheet(PDF) 12 Page - Linear Technology

Part # LTG2
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG2 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTG2 Datasheet HTML 8Page - Linear Technology LTG2 Datasheet HTML 9Page - Linear Technology LTG2 Datasheet HTML 10Page - Linear Technology LTG2 Datasheet HTML 11Page - Linear Technology LTG2 Datasheet HTML 12Page - Linear Technology LTG2 Datasheet HTML 13Page - Linear Technology LTG2 Datasheet HTML 14Page - Linear Technology LTG2 Datasheet HTML 15Page - Linear Technology LTG2 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT3464
12
3464f
TYPICAL APPLICATIO S
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
15V
SW
GND
OUT
CAP
FB
LT3464
L1
22
µH
C1
1
µF
C2
0.22
µF
C3
0.22
µF
R2
3.32M
R1
301k
1
8
7
6
3
5
2
4
3464 TA02
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2: TAIYO YUDEN EMK107 BJ224MA-T
C3: TAIYO YUDEN EMK107 BJ224MA-T
L1: MURATA LQH32CN220K
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
34V
SW
GND
OUT
CAP
FB
LT3464
L1
47
µH
C1
1
µF
C2
0.33
µF
C3
0.22
µF
R2
2.61M
R1
100k
1
8
7
6
3
5
2
4
3464 TA03
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2: TAIYO YUDEN GMK212 BJ334MG-T
C3: TAIYO YUDEN UMK212 BJ224MG-T
L1: MURATA LQH32CN470K
15V Output Converter with Output Disconnect
34V Output Converter with Output Disconnect
VIN (V)
IOUT (mA)
3.6
3.5
5.0
4.5
8.4
7.5
VIN (V)
IOUT (mA)
3.6
7.0
5.0
10.0
8.4
19.0
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
20V
SW
GND
OUT
CAP
FB
LT3464
L1
10
µH
C1
1
µF
C2
0.1
µF
C3
0.1
µF
R2
4.53M
R1
301k
1
8
7
6
3
5
2
4
3464 TA04
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2: TAIYO YUDEN TMK107 BJ104MA-T
C3: TAIYO YUDEN TMK107 BJ104MA-T
L1: TAIYO YUDEN LB 2012T100MR
20V Output Converter with Output Disconnect Using an 0805
Inductor and 0603 Capacitors
VIN (V)
IOUT (mA)
3.6
3.0
5.0
4.0
8.4
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com