Electronic Components Datasheet Search
  English  ▼

X  

LT3466 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3466
Description  White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 1 Page - Linear Technology

  LT3466 Datasheet HTML 1Page - Linear Technology LT3466 Datasheet HTML 2Page - Linear Technology LT3466 Datasheet HTML 3Page - Linear Technology LT3466 Datasheet HTML 4Page - Linear Technology LT3466 Datasheet HTML 5Page - Linear Technology LT3466 Datasheet HTML 6Page - Linear Technology LT3466 Datasheet HTML 7Page - Linear Technology LT3466 Datasheet HTML 8Page - Linear Technology LT3466 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT3466-1
34661f
White LED Driver and Boost
Converter in 3mm
× 3mm
DFN Package
Figure 1. Li-Ion Powered Driver for 6 White LEDs and OLED Display
■ Drives Up to 10 White LEDs from a 3.6V Supply
■ Two Independent Step-Up DC/DC Converters
■
Independent Dimming and Shutdown Control
of the Outputs
■
±1.5% Output Voltage Accuracy (Boost Converter)
■
±4% LED Current Programming Accuracy
■ Internal Schottky Diodes
■ Internal Soft-Start Eliminates Inrush Current
■
Output Overvoltage Protection (39.5V Max VOUT)
■ Fixed Frequency Operation Up to 2MHz
■ 83% Efficiency Driving 8 White LEDs at 15mA
from a 3.6V Supply
■ Wide Input Voltage Range: 2.7V to 24V
■ Tiny (3mm
× 3mm) 10-Lead DFN Package
■ White LED and OLED Displays
■ Digital Cameras, Sub-Notebook PCs
■ PDAs, Handheld Computers
■ TFT - LCD Bias Supply
■ Automotive
LT
®3466-1 is a dual switching regulator that combines a
white LED driver and a boost converter in a low profile,
small footprint (3mm
× 3mm × 0.75mm) DFN package.
The LED driver can be configured to drive up to 10 White
LEDs in series and the boost converter can be used for
generating the LCD bias voltages or driving a secondary
OLED display. Series connection of the LEDs provides
identical LED currents resulting in uniform brightness and
eliminating the need for ballast resistors and expensive
factory calibration.
The LT3466-1 provides independent dimming and shut-
down control of the two converters. The operating fre-
quency can be set with an external resistor over a 200kHz
to 2MHz range. The white LED driver features a low 200mV
reference, thereby minimizing power loss in the current
setting resistor for better efficiency. The boost converter
achieves
±1.5% output voltage accuracy by the use of a
precision 0.8V reference. Protection features include out-
put overvoltage protection and internal soft-start. Wide
input supply range allows operation from 2.7V to 24V.
3V TO 5V
16V
30mA
33
µH
1
µF
1
µF1µF
6 LEDs
33
µH
SHUTDOWN
AND DIMMING
CONTROL 2
SHUTDOWN
AND DIMMING
CONTROL 1
10
Ω
24.9k
475k
34661 F01a
63.4k
CTRL1
GND
CTRL2
RT
SW1
SW2
VIN
LT3466-1
VOUT1
FB1
VOUT2
FB2
Conversion Efficiency
OUTPUT CURRENT (mA)
0
70
75
30
25
20
34661 F01b
60
50
65
55
510
15
90
85
80
BOOST CONVERTER
LED DRIVER
VIN = 3.6V
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT3466

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466 LINER-LT3466 Datasheet
324Kb / 20P
Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
LT3466 LINER-LT3466 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3466 LINER-LT3466 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3466 LINER-LT3466 Datasheet
496Kb / 20P
Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
LT3466-1 LINER-LT3466-1 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
More results

Similar Description - LT3466

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LTC2641 LINER-LTC2641 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LTC4413-1 LINER-LTC4413-1 Datasheet
195Kb / 16P
Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
MAIN/CAM LED Controller in 3mm 횞 3mm QFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
White LED Driver and Boost Converter in 3mm 3mm DFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com