Electronic Components Datasheet Search
  English  ▼

X  

LT3466 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3466
Description  White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 3 Page - Linear Technology

  LT3466 Datasheet HTML 1Page - Linear Technology LT3466 Datasheet HTML 2Page - Linear Technology LT3466 Datasheet HTML 3Page - Linear Technology LT3466 Datasheet HTML 4Page - Linear Technology LT3466 Datasheet HTML 5Page - Linear Technology LT3466 Datasheet HTML 6Page - Linear Technology LT3466 Datasheet HTML 7Page - Linear Technology LT3466 Datasheet HTML 8Page - Linear Technology LT3466 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT3466-1
34661f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT1 Overvoltage Threshold
39.5
V
VOUT2 Overvoltage Threshold
39.5
V
Schottky 1 Forward Drop
ISCHOTTKY1 = 300mA
0.85
V
Schottky 2 Forward Drop
ISCHOTTKY2 = 300mA
0.85
V
Schottky 1 Reverse Leakage
VOUT1 = 20V
5
µA
Schottky 2 Reverse Leakage
VOUT2 = 20V
5
µA
Soft-Start Time (Switcher 1)
600
µs
Soft-Start Time (Switcher 2)
600
µs
ELECTRICAL CHARACTERISTICS The ● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3466-1E is guaranteed to meet specified performance
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating range
are assured by design, characterization and correlation with statistical
process controls.
Note 3: Current flows out of the pin.
Note 4: Guaranteed by design and test correlation, not production tested.
TYPICAL PERFOR A CE CHARACTERISTICS
Switching Waveforms
(LED Driver)
Switching Waveforms
(Boost Converter)
VFB1 vs VCTRL1
VOUT1
100mV/DIV
(AC-COUPLED)
VSW1
20V/DIV
IL1
100mA/DIV
VIN = 3.6V
0.5
µs/DIV
34661 G01
6 LEDs AT 20mA
CIRCUIT OF FIGURE 1
VOUT2
100mV/DIV
(AC-COUPLED)
VSW2
20V/DIV
IL2
100mA/DIV
VIN = 3.6V
0.5
µs/DIV
34661 G02
VOUT2 = 16V/30mA
CIRCUIT OF FIGURE 1
VCTRL1 (V)
0
100
150
2
34661 G03
50
0
0.5
1
1.5
250
200
VIN = 3.6V
6 LEDs
VFB2 vs VCTRL2
VCTRL2 (V)
0
400
600
2
34661 G16
200
300
500
100
0
0.5
1
1.5
900
800
700
VIN = 3.6V
VOUT2 = 16V
TA = 25°C unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com