Electronic Components Datasheet Search
  English  ▼

X  

LT3466 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3466
Description  White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 4 Page - Linear Technology

  LT3466 Datasheet HTML 1Page - Linear Technology LT3466 Datasheet HTML 2Page - Linear Technology LT3466 Datasheet HTML 3Page - Linear Technology LT3466 Datasheet HTML 4Page - Linear Technology LT3466 Datasheet HTML 5Page - Linear Technology LT3466 Datasheet HTML 6Page - Linear Technology LT3466 Datasheet HTML 7Page - Linear Technology LT3466 Datasheet HTML 8Page - Linear Technology LT3466 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT3466-1
34661f
TYPICAL PERFOR A CE CHARACTERISTICS
Quiescent Current
(CTRL1 = CTRL2 = 3V)
Switch Current Limit vs Duty Cycle
Shutdown Current
(CTRL1 = CTRL2 = 0V)
Open-Circuit Output Clamp
Voltage
RT vs Oscillator Frequency
DUTY CYCLE (%)
0
300
400
80
34661 G05
200
100
250
350
450
500
150
50
0
20
40
60
100
TA = –50°C
TA = 85°C
TA = 25°C
Open-Circuit Output Clamp
Voltage
Input Current with Output 1 and
Output 2 Open Circuit
OSCILLATOR FREQUENCY (kHz)
1000
34661 G10
10
100
600
1800
1400
1000
200
Oscillator Frequency vs VIN
TA = 25°C unless otherwise specified
VIN (V)
0
7
6
UVLO
5
4
3
2
1
0
12
20
34661 G04
48
16
24
VIN (V)
2
0
10
30
40
50
70
4
12
16
34661 G06
20
60
10
20
24
22
6
8
14
18
TA = –50°C
TA = 25°C
TA = 100°C
VIN (V)
38.00
39.00
40.00
41.00
38.50
39.50
40.50
6
101418
34661 G07
24
4
2
8
12
16
20 22
VOUT2
VOUT1
RT = 63.4k
TEMPERATURE (
°C)
–50
–25
37
39
42
0
50
75
34661 G08
38
41
40
25
100
125
VOUT2
VOUT1
RT = 63.4k
VIN (V)
2
12
16
20
18
34661 G09
8
4
0
468
10 12 14 16
20
24
22
RT = 63.4k
VIN (V)
800
900
1000
1100
812
16
20
34661 G11
24
46
2
10141822
RT = 48.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com