Electronic Components Datasheet Search
  English  ▼

X  

LT3513 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3513 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3513 Datasheet HTML 6Page - Linear Technology LT3513 Datasheet HTML 7Page - Linear Technology LT3513 Datasheet HTML 8Page - Linear Technology LT3513 Datasheet HTML 9Page - Linear Technology LT3513 Datasheet HTML 10Page - Linear Technology LT3513 Datasheet HTML 11Page - Linear Technology LT3513 Datasheet HTML 12Page - Linear Technology LT3513 Datasheet HTML 13Page - Linear Technology LT3513 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3513
10
3513fa
6
12
+
SQ
1.23V
gm
1.18V
1.234V
1.1V
1.234V
R
DRIVER
BIAS
VC3
SW3
9
VONSINK
10
VON_CLK
VON_CLK
7
E3
3513 F01
FOLDBACK
OSCILLATOR
25
21
+
–
+
SQ
R
DRIVER
BIAS
VC4
23
NFB4
100k
100k
SW4
24
D4
FOLDBACK
OSCILLATOR
20
+
1.1V
FB2
+
+
SQ
R
DRIVER
VC2
30
SENSE–
31
28
SENSE+
SW2
15, 16
BIAS
18, 29
FOLDBACK
OSCILLATOR
gm
gm
2
+
SQ
R
DRIVER
BIAS
CURRENT
SENSE AMP
VC1
SW1
34, 35
BOOST
VIN
SLOPE COMP/
ONE-SHOT
gm
gm
13
CT
22
RUN-SS1
3
RUN-SS3/4
BIAS
38
UVLO
11
PGOOD
UVLO
1.25V
3μA
19
FB2
32
FB1
BD
1
FB5
LDOPWR
GND
14,17,33
VIN
36,37
2.7V
1.1V
VON_CLK
SW3
LOCKOUT
INTERNAL
REGULATOR
AND REFERENCE
MASTER
OSCILLATOR
2MHz
5
RUN-SS2
4
FB3
8
VON
SW2
LOCKOUT
+
0.625V
26
27
Figure 1
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com