Electronic Components Datasheet Search
  English  ▼

X  

LT3513 Datasheet(PDF) 17 Page - Linear Technology

Part # LT3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3513 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT3513 Datasheet HTML 12Page - Linear Technology LT3513 Datasheet HTML 13Page - Linear Technology LT3513 Datasheet HTML 14Page - Linear Technology LT3513 Datasheet HTML 15Page - Linear Technology LT3513 Datasheet HTML 16Page - Linear Technology LT3513 Datasheet HTML 17Page - Linear Technology LT3513 Datasheet HTML 18Page - Linear Technology LT3513 Datasheet HTML 19Page - Linear Technology LT3513 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT3513
17
3513fa
them the preferred choice. The low ESR results in very
low voltage ripple. Ceramic capacitors can handle larger
magnitudes of ripple current than other capacitor types of
the same value. Use X5R and X7R types. An alternative to
a high value ceramic capacitor is a lower value along with
a larger electrolytic capacitor, for example a 1μF ceramic
capacitor in parallel with a low ESR tantalum capacitor. For
the electrolytic capacitor, a value larger than 10μF will be
required to meet the ESR and ripple current requirements.
Because the input capacitor is likely to see high surge
currents when the input source is applied, only consider
a tantalum capacitor if it has the appropriate surge current
rating. The manufacturer may also recommend operation
below the rated voltage of the capacitor. Be sure to place
the 1μF ceramic as close as possible to the VIN and GND
pins on the IC for optimal noise immunity.
A final caution is in order regarding the use of ceramic
capacitors at the input. A ceramic input capacitor can
combine with stray inductance to form a resonant tank
circuit. If power is applied quickly (for example by plugging
the circuit into a live power source), this tank can ring,
doubling the input voltage and damaging the LT3513. The
solution is to either clamp the input voltage or dampen the
tank circuit by adding a lossy capacitor (an electrolytic)
in parallel with the ceramic capacitor. For details, see Ap-
plication Note 88.
Soft-Start and Shutdown
The RUN-SS1(Run/Soft-Start) pin is used to place the
switching regulators and the internal bias circuits in
shutdown mode. It also provides a soft-start function,
along with RUN-SS2 and RUN-SS3/4. If the RUN-SS1
pin is pulled to ground, the LT3513 enters its shutdown
mode with all regulators off and quiescent current reduced
to ~30μA. An internal 2μA current source pulls up on the
RUN-SS1, RUN-SS2, and RUN-SS3/4 pins. If the RUN-SS1
pin reaches ~0.6V, the internal bias circuits start and the
quiescent currents increase to their nominal levels.
If a capacitor is tied from the RUN-SS1, RUN-SS2 or
RUN-SS3/4 pins to ground, then the internal pull-up
current will generate a voltage ramp on these pins. This
voltage clamps the VC pin, limiting the peak switch current
and therefore input current during start-up. The RUN-SS1
pin clamps VC1, the RUN-SS2 pin clamps VC1 and the
RUN-SS3/4 pin clamps the VC3 and VC4 pins. A good value
for the soft-start capacitors is COUT/10,000, where COUT
is the value of the largest output capacitor.
VON Pin Considerations
The VON pin is the delayed output for switching regulator 3.
When the CT pin reaches 1.1V, the output disconnect PNP
turns on, connecting VON to E3. The VON pin is current
limited and will protect the LT3513 and input source from
a shorted output.
The VON pin output is also controlled from the VON_CLK
pin. When VON_CLK is low, the VON output will turn on if the
CT pin is greater than 1.1V. When VON_CLK is high, greater
than 1.5V, the VON output is disabled and the VONSINK open
collector device turns on. If the VONSINK pin is connected
to VON through a resistor, the VON voltage will decay with
a high VON_CLK. VON_CLK may be synced to the horizontal
scanning frequency to improve LCD image quality.
Low Voltage Dropout Linear Regulator
The LT3513 features an output to drive an external NPN
transistor LDO to provide a lower voltage logic supply volt-
age. The output is capable of providing 10mA of current to
the base of the NPN. The output of the LDO is controlled
by the FB5 pin. Choose the resistor values according to:
RR
V
V
LDO
8
7
0 625
1
=
⎛
⎝⎜
⎞
⎠⎟
.
–
R8 should be 10k or less to avoid bias current errors.
The internal compensation of the LDO relies on a low ESR
ceramic capacitor between the values of 2.2μF and 20μF.
X7R dielectrics are preferred, followed by X5R, as these
materials retain their capacitance over wide voltage and
temperature ranges.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com