Electronic Components Datasheet Search
  English  ▼

X  

LT3513 Datasheet(PDF) 15 Page - Linear Technology

Part # LT3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3513 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3513 Datasheet HTML 11Page - Linear Technology LT3513 Datasheet HTML 12Page - Linear Technology LT3513 Datasheet HTML 13Page - Linear Technology LT3513 Datasheet HTML 14Page - Linear Technology LT3513 Datasheet HTML 15Page - Linear Technology LT3513 Datasheet HTML 16Page - Linear Technology LT3513 Datasheet HTML 17Page - Linear Technology LT3513 Datasheet HTML 18Page - Linear Technology LT3513 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3513
15
3513fa
Use a diode with a reverse voltage rating greater than the
input voltage. Table 3 lists several Schottky diodes and
their manufacturers.
Table 3. Schottky Diodes
PART NUMBER
VR (V)
IAVE (A)
VFAT 1A (mV)
VF at 2A (mV)
On Semiconductor
MBRM120E
20
1
530
MBRM140
40
1
550
MBRS240
40
2
MBRA340
40
3
450
Diodes Inc.
B120
20
1
500
B240
40
2
500
B340A
40
3
450
BOOST PIN CONSIDERATIONS
The minimum operating voltage of an LT3513 application
is limited by the undervoltage lockout ~4V and by the
maximum duty cycle. The boost circuit also limits the
minimum input voltage for proper start-up. If the input
voltage ramps slowly or the LT3513 turns on when the
output is already in regulation, the boost capacitor may
not be fully charged. Because the boost capacitor charges
with the energy stored in the inductor, the circuit will rely
on some minimum load current to get the boost circuit
running properly. This minimum load will depend on input
and output voltages. The Typical Performance Character-
istics section shows a plot of the minimum load current
to start as a function of input voltage for a 3.3V output.
The minimum load current generally goes to zero once the
circuit has started. Even without an output load current, in
many cases the discharged output capacitor will present
a load to the switcher that will allow it to start.
INVERTER/STEP-UP CONSIDERATIONS
Regulating Positive Output Voltages
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistors
according to:
RR
VOUT
34
125
1
= ⎛
⎝⎜
⎞
⎠⎟
.
–
R4 should be 10k or less to avoid bias current errors.
Regulating Negative Output Voltages
The LT3513 contains an inverting op amp with a gain of
1. The NFB4 pin works just as the other FB pins. Choose
the resistors according to:
R
VR
R
OUT
6
5
125
5
=
•
.
–
R5 should be 2.5k
Ω or less to avoid bias current errors.
R6
R5
NFB4
3513 A2
–VOUT
22
Duty Cycle Range
The maximum duty cycle (DC) of the LT3513 switching
regulator is 75% for SW2, and 84% for SW3 and SW4.
The duty cycle for a given application using the step-up
or charge pump topology is:
DC
VV
V
OUT
IN
OUT
=
–
The duty cycle for a given application using the inverter
or SEPIC is:
DC
V
VV
OUT
IN
OUT
=
+
The LT3513 can still be used in applications where the duty
cycle, as calculated above, is greater than the maximum.
However, the part must be operated in discontinuous mode
so that the actual duty cycle is reduced.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com