Electronic Components Datasheet Search
  English  ▼

X  

3517 Datasheet(PDF) 9 Page - Linear Technology

Part # 3517
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3517 Datasheet(HTML) 9 Page - Linear Technology

Back Button 3517 Datasheet HTML 5Page - Linear Technology 3517 Datasheet HTML 6Page - Linear Technology 3517 Datasheet HTML 7Page - Linear Technology 3517 Datasheet HTML 8Page - Linear Technology 3517 Datasheet HTML 9Page - Linear Technology 3517 Datasheet HTML 10Page - Linear Technology 3517 Datasheet HTML 11Page - Linear Technology 3517 Datasheet HTML 12Page - Linear Technology 3517 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3517
9
3517fa
APPLICATIONS INFORMATION
than 1V, the LED current is:
I
V
R
LED
CTRL
SENSE
=
10 •
(2)
When VCTRL is higher than 1V, the LED current is clamped
to be:
I
mV
R
LED
SENSE
=
100
(3)
The LED current programming feature possibly increases
total dimming range by a factor of ten.
The CTRL pin should not be left open (tie to VREF if not
used). The CTRL pin can also be used in conjunction with
a PTC thermistor to provide overtemperature protection
for the LED load.
For a buck or a buck-boost configuration, the output
voltage is typically level-shifted to a signal with respect
to GND as illustrated in the Figure 4. The output can be
expressed as:
V
R
R
VV
OUT
BE Q
=+
1
2
101
2
•.
()
(5)
49.9k
3517 F02
45.3k
2V
VREF
5k
PTC
CTRL
Figure 2
Setting Output Voltage
For a boost application, the output voltage can be set by
selecting the values of R1 and R2 (see Figure 3) according
to the following equation:
V
R
R
V
OUT =+
⎛
⎝⎜
⎞
⎠⎟
1
2
11 01
•.
(4)
LT3517
FB
R1
VOUT
R2
3517 F03
Figure 3
LT3517
FB
R1
Q2
+
–
LED
ARRAY
VOUT
R2
3517 F04
RSENSE
Figure 4
Inductor Selection
The inductor used with the LT3517 should have a satura-
tion current rating of 2A or greater. For buck mode LED
drivers, the inductor value should be chosen to give a
ripple current “
ΔI” of ~30% to 40% of the LED current.
In the buck mode, the inductor value can be estimated
using the formula:
LµH
Dt
µs
V
V
I
D
V
V
BUCK
SW
IN
LED
BUCK
LED
() =
()
=
•( ) •
–
Δ
IIN
(6)
VLED is the voltage across the LED string, VIN is the input
voltage to the converter, and tSW is the switching period.
In the boost configuration, the inductor can be estimated
using the formula:
LµH
D
t
µs
V
I
D
VV
V
BOOST
SW
IN
BOOST
LED
IN
L
() =
=
•( ) •
–
Δ
E
ED
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com