Electronic Components Datasheet Search
  English  ▼

X  

3517 Datasheet(PDF) 5 Page - Linear Technology

Part # 3517
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3517 Datasheet(HTML) 5 Page - Linear Technology

  3517 Datasheet HTML 1Page - Linear Technology 3517 Datasheet HTML 2Page - Linear Technology 3517 Datasheet HTML 3Page - Linear Technology 3517 Datasheet HTML 4Page - Linear Technology 3517 Datasheet HTML 5Page - Linear Technology 3517 Datasheet HTML 6Page - Linear Technology 3517 Datasheet HTML 7Page - Linear Technology 3517 Datasheet HTML 8Page - Linear Technology 3517 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3517
5
3517fa
VISP – VISN Threshold vs
Temperature
Switch Current Limit vs
Temperature
Oscillator Frequency vs
Temperature
Reference Voltage vs
Temperature
Quiescent Current vs VIN
TEMPERATURE (°C)
–40
103
20
3517 G04
100
98
–20 0
40
97
96
104
102
101
99
60 80 100 120 140 160
VIN = 5V
VISP = 24V
VC = 1V
VCTRL = 2V
TEMPERATURE (°C)
–40 –20
1.5
1.9
2.5
0
40 60
3517 G06
1.7
2.3
2.1
20
80
160
100 120 140
VIN = 5V
RT = 6.04k
VISP (V)
0
101
103
105
40
3517 G07
99
97
100
102
104
98
96
95
10
20
30
50
VCTRL = 2V
VIN = 5V
TA = 25°C
VC = 1V
TEMPERATURE (°C)
–40
1.98
1.99
2.00
2.01
2.02
–20 0
20 40
3517 G08
60 80 100 120 140 160
VIN = 5V
VIN (V)
0
4
5
6
40
3517 G09
3
2
0
10
20
30
1
8
7
TA = 25°C
VC = 0V
VISP – VISN Threshold vs VISP
TYPICAL PERFORMANCE CHARACTERISTICS
FB Pin Threshold vs Temperature
PMOS Turn-On
PMOS Turn-Off
TEMPERATURE (°C)
–40
0.98
1.00
0.99
1.01
1.03
1.02
1.04
–20 0
20 40
3517 G10
60 80
140 160
100 120
VIN = 5V
5V
PWM
0V
40V
TG
30V
200ns/DIV
VISP = 40V
3517 G11
5V
PWM
0V
40V
TG
30V
200ns/DIV
VISP = 40V
3517 G11
TEMPERATURE (°C)
–40 –20
0
1.0
2.5
0
40 60
3518 G05
0.5
2.0
1.5
20
80 100 120 140 160
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com