Electronic Components Datasheet Search
  English  ▼

X  

3517 Datasheet(PDF) 1 Page - Linear Technology

Part # 3517
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3517 Datasheet(HTML) 1 Page - Linear Technology

  3517 Datasheet HTML 1Page - Linear Technology 3517 Datasheet HTML 2Page - Linear Technology 3517 Datasheet HTML 3Page - Linear Technology 3517 Datasheet HTML 4Page - Linear Technology 3517 Datasheet HTML 5Page - Linear Technology 3517 Datasheet HTML 6Page - Linear Technology 3517 Datasheet HTML 7Page - Linear Technology 3517 Datasheet HTML 8Page - Linear Technology 3517 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3517
1
3517fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Full-Featured LED Driver
with 1.5A Switch Current
The LT
®3517 is a current mode DC/DC converter with an
internal 1.5A, 45V switch specifically designed to drive
LEDs. The LT3517 operates as a LED driver in boost,
buck mode and buck-boost mode. It combines a tradi-
tional voltage loop and a unique current loop to operate
as a constant-current source or constant-voltage source.
Programmable switching frequency allows optimization of
the external components for efficiency or component size.
The switching frequency of LT3517 can be synchronized
to an external clock signal. The LED current is externally
programmable with a 100mV sense resistor. The external
PWM input provides up to 5000:1 LED dimming. The CTRL
pin provides further 10:1 dimming ratio.
The LT3517 is available in the tiny footprint 16-Lead QFN
(4mm × 4mm) and the16-Pin TSSOP packages. The LT3517
provides a complete solution for both constant-voltage
and constant-current applications.
■
5000:1 True Color PWM
TM Dimming Ratio
■
1.5A, 45V Internal Switch
■
100mV High Side Current Sense
■
Open LED Protection
■
Adjustable Frequency: 250kHz to 2.5MHz
■
Wide Input Voltage Range:
Operation from 3V to 30V
Transient Protection to 40V
■
Operates in Boost, Buck Mode and Buck-Boost Mode
■
Gate Driver for PMOS LED Disconnect*
■
Constant-Current and Constant-Voltage Regulation
■
CTRL Pin Provides 10:1 Analog Dimming
■
Low Shutdown Current: <1μA
■
Available in (4mm × 4mm) 16-Lead QFN and 16-Pin
TSSOP Packages
■
Display Backlighting
■
Automotive and Avionic Lighting
■
Illumination
■
Scanners
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
True Color PWM is a trademark of Linear Technology Corporation. Patent Pending.
All other trademarks are the property of their respective owners.
*Patents Pending.
1A
10μF
15μH
2.2μF
0.1μF
100mΩ
2.2μF
VREF
ISP
TGEN
GND
VREF VC
16.9k
1MHz
3517 TA01a
0.1μF
VIN
SHDN
CTRL
PWM
SYNC
FB
SS
RT
SW
PVIN
24V
VIN
3.3V
ISN
LT3517
TG
PWM
1A Buck Mode LED Driver
Efficiency
PWM DUTY CYCLE (%)
0
40
50
60
70
80
90
100
20
40
60
80
3517 TA01b
100
CTRL = VREF


Similar Part No. - 3517

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
logo
Lumberg
3517 LUMBERG-3517 Datasheet
277Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517 LUMBERG-3517 Datasheet
883Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Adafruit Industries
3517 ADAFRUIT-3517 Datasheet
89Kb / 2P
Circuit Playground Express Developer Edition - Base Kit
5-19-17
logo
Lumberg
3517-1 LUMBERG-3517-1 Datasheet
277Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results

Similar Description - 3517

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
Full-Featured LED Driver with 2.3A Switch Current
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
1.5A LED Driver with internal switch
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
1.5A LED driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com