Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology LT3590 Datasheet HTML 10Page - Linear Technology LT3590 Datasheet HTML 11Page - Linear Technology LT3590 Datasheet HTML 12Page - Linear Technology LT3590 Datasheet HTML 13Page - Linear Technology LT3590 Datasheet HTML 14Page - Linear Technology LT3590 Datasheet HTML 15Page - Linear Technology LT3590 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3590
13
3590f
LED CURRENT (mA)
0
55
60
65
30
50
50
45
40
10
20
40
70
75
80
3590 TA05b
12V
24V
Conversion Efficiency
TYPICAL APPLICATIONS
VIN
12V OR 24V
CONTROL
>1.5V
CTRL
VIN
R1
4Ω
50mA
LT3590
VREG
SW
LED
GND
C2
2.2μF
C3
0.1μF
C1
1μF
3590 TA05a
L1
220μH
12V or 24V Supply for a Single LED, 50mA Current
Conversion Efficiency
48V Supply for Two Strings of 10 LEDs, 25mA Current
VIN
48V
CONTROL
>1.5V
CTRL
VIN
R1
4Ω
25mA
LT3590
VREG
SW
LED
GND
C2
1μF
C3
0.1μF
C1
1μF
3590 TA06a
L1
470μH
25mA
Conversion Efficiency
12V Supply for a 3 LED String, 50mA Current
VIN
12V
CONTROL
>1.5V
L1: MURATA LQH32CN-221
CTRL
VIN
R1
4Ω
50mA
LT3590
VREG
SW
LED
GND
C2
1μF
C3
0.1μF
C1
1μF
3590 TA07a
L1
220μH
LED CURRENT (mA)
0
40
50
60
70
80
90
100
510
15
20
3590 TA06b
25
LED CURRENT (mA)
0
70
80
90
30
50
60
50
40
10
20
40
100
3590 TA07b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com