Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 3 Page - Linear Technology

  LT3590 Datasheet HTML 1Page - Linear Technology LT3590 Datasheet HTML 2Page - Linear Technology LT3590 Datasheet HTML 3Page - Linear Technology LT3590 Datasheet HTML 4Page - Linear Technology LT3590 Datasheet HTML 5Page - Linear Technology LT3590 Datasheet HTML 6Page - Linear Technology LT3590 Datasheet HTML 7Page - Linear Technology LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3590
3
3590f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3590E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 85°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
4.5
V
LED Current Sense Voltage (VIN -VLED)
●
190
200
210
mV
Sense Voltage Load Regulation
ΔILED = 10mA to 50mA
5
mV
Quiescent Current ON, No Switching
VLED = 47.7V
500
700
μA
Quiescent Current in Shutdown
VCTRL = 0V
15
20
μA
Switching Frequency
●
650
850
1050
kHz
Maximum Duty Cycle
●
90
%
Switch Current Limit
80
115
150
mA
Switch VCESAT
ISW = 50mA
500
mV
Switch Leakage Current
VSW = 48V
1
2
μA
VCTRL for Full LED Current
●
1.5
V
VCTRL to Shut Down IC
100
mV
VCTRL to Turn on IC
150
mV
CTRL Pin Bias Current
VCTRL = 1V, Current Out of Pin
100
nA
LED Pin Bias Current
VLED = 47.8V
9
14
μA
LDO Voltage VREG
IVREG = 1mA
3.1
3.3
3.5
V
LDO Load Regulation
ΔIVREG = 0mA to 1mA
17
mV
LDO Current Limit
1.5
mA
Schottky Forward Drop
ISCHOTTKY = 50mA
0.8
V
Schottky Leakage Current
VR = 48V
4
μA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 48V, VCTRL = 3.3V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com