Electronic Components Datasheet Search
  English  ▼

X  

LT3590 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3590
Description  48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3590 Datasheet(HTML) 2 Page - Linear Technology

  LT3590 Datasheet HTML 1Page - Linear Technology LT3590 Datasheet HTML 2Page - Linear Technology LT3590 Datasheet HTML 3Page - Linear Technology LT3590 Datasheet HTML 4Page - Linear Technology LT3590 Datasheet HTML 5Page - Linear Technology LT3590 Datasheet HTML 6Page - Linear Technology LT3590 Datasheet HTML 7Page - Linear Technology LT3590 Datasheet HTML 8Page - Linear Technology LT3590 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3590
2
3590f
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)..................................... –0.3V to 55V
LED Voltage ............................................... –0.3V to 55V
CTRL Voltage ................................................. 0V to 6.0V
VREG Voltage................................................. 0V to 4.0V
Operating Junction Temperature Range
(Note 2) ...............................................– 40°C to 85°C
(Note 1)
Maximum Junction Temperature........................... 125°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)
SC 8 Package Only............................................ 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3590EDC#PBF
LT3590EDC#TRPBF
LCNZ
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LT3590ESC8#PBF
LT3590ESC8#TRPBF
LCPB
8-Lead Plastic SC70
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
TOP VIEW
VREG
LED
VIN
CTRL
GND
SW
DC PACKAGE
6-LEAD (2mm
× 2mm) PLASTIC DFN
4
5
7
6
3
2
1
SW 1
GND 2
GND 3
GND 4
8 VIN
7 LED
6 VREG
5 CTRL
TOP VIEW
SC8 PACKAGE
8-LEAD PLASTIC SC70
TJMAX = 125°C, θJA = 75°C/W TO 95°C/W
TJMAX = 125°C, θJA = 65°C/W TO 85°C/W, θJC = 20°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com