Electronic Components Datasheet Search
  English  ▼

X  

3740 Datasheet(PDF) 1 Page - Linear Technology

Part # 3740
Description  Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3740 Datasheet(HTML) 1 Page - Linear Technology

  3740 Datasheet HTML 1Page - Linear Technology 3740 Datasheet HTML 2Page - Linear Technology 3740 Datasheet HTML 3Page - Linear Technology 3740 Datasheet HTML 4Page - Linear Technology 3740 Datasheet HTML 5Page - Linear Technology 3740 Datasheet HTML 6Page - Linear Technology 3740 Datasheet HTML 7Page - Linear Technology 3740 Datasheet HTML 8Page - Linear Technology 3740 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3740
1
3740fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Wide Operating Range,
Valley Mode, No RSENSE™
Synchronous Step-Down Controller
The LT®3740 is a synchronous step-down switching
regulator controller that drives N-channel power MOSFET
stages. The controller uses valley current mode architecture
to achieve very low duty cycles with excellent transient
response without requiring a sense resistor.
The LT3740 includes an internal step-up converter to
provide a bias 7.8V higher than the input voltage for the
drive. This enables the part to work from an input voltage
as low as 2.2V.
The XREF pin is an external reference input that allows the
user to override the internal 0.8V feedback reference with
any lower value, allowing full control of the output voltage
during operation, output voltage tracking or soft-start.
The LT3740 has three current limit levels that can be
chosen by connecting the RANGE pin to ground, open,
and input respectively.
High Efficiency Step-Down Converter
n Wide VIN Range: 2.2V to 22V
n Internal Boost Provides 6V Gate Drive
For VIN Down to 2.2V
n No Sensing Resistor Required
n Dual N-Channel MOSFET Synchronous Drive
n Valley Current Mode Control
n Optimized for High Step-Down Ratio
n Power Good Output Voltage Monitor
n 0.8V Reference
n Three Pin-Selected Current Limit Levels
n Constant Switching Frequency: 300kHz
n Programmable Soft-Start
n Output Voltage Tracking
n Available in 16-Pin 5mm
× 3mm DFN
n Notebook and Palmtop Computers, PDA
n Portable Instruments
n Distributed Power Systems
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
No RSENSE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Efficiency vs Load Current
SWB
VIN
SHDN
XREF
RANGE
VC
BGDP
BIAS
TGATE
SW
SN
+
BGATE
GND
LT3740
SN
–
PGND
FB
3740 TA01a
0.9μH
1μF
0.22μF
VOUT
1.8V
10A
VIN
3V to 12V
M1
HAT2168H
M2
HAT2165H
100μF
3
10μF
39pF
22μH
20k
15k
1nF
22pF
80.6k
105k
15k
1Ω
1Ω
D1
B320A
1Ω
LOAD CURRENT (A)
0
86
92
88
90
94
3740 TA01b
84
82
80
46
2
8
10
VIN = 3V
VIN = 5V
VIN = 12V
VOUT = 1.8V


Similar Part No. - 3740

ManufacturerPart #DatasheetDescription
logo
Heyco.
3740 HEYCO-3740 Datasheet
153Kb / 1P
Lockit™ Nylon Cable Clamps
logo
List of Unclassifed Man...
37400 ETC2-37400 Datasheet
59Kb / 2P
CORRUGATED IN-PLANT HANDLERS
logo
Wixroyd Group Ltd
37400 WIXROYD-37400 Datasheet
1Mb / 3P
Quarter Turn Screw, Female
37400.W0061 WIXROYD-37400.W0061 Datasheet
1Mb / 3P
Quarter Turn Screw, Female
37400.W0062 WIXROYD-37400.W0062 Datasheet
1Mb / 3P
Quarter Turn Screw, Female
More results

Similar Description - 3740

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LT3740 LINER-LT3740_15 Datasheet
244Kb / 20P
Wide Operating Range, Valley Mode, Synchronous Step-Down Controller
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC3879 LINER-LTC3879_15 Datasheet
312Kb / 28P
Fast, Wide Operating Range No RSENSE Step-Down Controller
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com