Electronic Components Datasheet Search
  English  ▼

X  

3740 Datasheet(PDF) 14 Page - Linear Technology

Part # 3740
Description  Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3740 Datasheet(HTML) 14 Page - Linear Technology

Back Button 3740 Datasheet HTML 10Page - Linear Technology 3740 Datasheet HTML 11Page - Linear Technology 3740 Datasheet HTML 12Page - Linear Technology 3740 Datasheet HTML 13Page - Linear Technology 3740 Datasheet HTML 14Page - Linear Technology 3740 Datasheet HTML 15Page - Linear Technology 3740 Datasheet HTML 16Page - Linear Technology 3740 Datasheet HTML 17Page - Linear Technology 3740 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3740
14
3740fc
APPLICATIONS INFORMATION
Selecting a standard value of 2.0μH results in a ripple
current of:
ΔI
L =
2.5V
(300kHz) •(2
μH)
•1–
2.5V
15V
⎛
⎝⎜
⎞
⎠⎟
= 3.47A
Set Range = VIN. At minimum input voltage VIN = 7V,
the maximum current sensing voltage is 145mV. Use an
external sensing resistor of 12mΩ. The inductor current
valley will be clamped to 12A. The ripple current at VIN= 7V
is 2.68A, there is about 33% of margin for the 10A load
current to cover the maximum current sensing voltage
variation.
For the case of using MOSFET on-resistance for current
sensing, choosing a Si4840 (RDS(ON) = 0.008Ω (NOM)
0.0095Ω (MAX) for VGS = 7V, θJA = 40°C/W) yields a
nominal sense voltage of:
VSN(NOM) = (10A)(1.3)(0.0095Ω) =123mV
To check if the current limit is acceptable, assume a junc-
tion temperature of about 55°C above a 70°C ambient
with
ρ125°C = 1.5:
I
LIMIT =
145mV
1.5 • 0.0095
Ω
+
2.68A
2
= 11.5A
Double check the assumed TJ in the MOSFET at VIN = 7V
with maximum load current:
PBOT = DBOT • IL2 • RDS(ON), BOT
P
BOT = 1–
2.5V
7V
⎛
⎝⎜
⎞
⎠⎟
•10A
()2 •1.5•0.0095=0.92W
Double check the assumed TJ in the MOSFET:
TJ = 70°C + (0.92W)(40°C/W) = 107°C
The power dissipation in the bottom MOSFET increases
with input voltage. For VIN = 20V,
P
BOT = 1–
2.5V
20V
⎛
⎝⎜
⎞
⎠⎟
•10A
()2 •1.5•0.0095Ω=1.25W
Double check the assumed TJ in the MOSFET:
TJ = 70°C + (1.25W)(40°C/W) = 120°C
Choose a Si4840 (CRSS = 200pF) for the top MOSFET and
check its power dissipation at maximum load current with
ρ100°C = 1.3:
P
TOP =
2.5V
20V
•10A
()2 •1.3•0.0095Ω+17•(20V)2 •
10A • 200pF • 300kHz
= 0.15W + 0.41W = 0.56W
TJ = 70°C + (0.56W)(40°C/W) = 92°C
This analysis shows that careful attention to heat sinking
will be necessary in this circuit.
Check the reverse current comparator margin. The maxi-
mum ripple current happens at maximum input voltage:
ΔI
L(MAX) =
2.5V
300kHz • 2
μH
•1–
2.5V
20V
⎛
⎝⎜
⎞
⎠⎟
= 3.65A
At no load, the maximum reverse current voltage is:
R
S •
ΔI
L(MAX)
2
= 12mΩ •
3.65A
2
= 22mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com