Electronic Components Datasheet Search
  English  ▼

X  

3740 Datasheet(PDF) 5 Page - Linear Technology

Part # 3740
Description  Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3740 Datasheet(HTML) 5 Page - Linear Technology

  3740 Datasheet HTML 1Page - Linear Technology 3740 Datasheet HTML 2Page - Linear Technology 3740 Datasheet HTML 3Page - Linear Technology 3740 Datasheet HTML 4Page - Linear Technology 3740 Datasheet HTML 5Page - Linear Technology 3740 Datasheet HTML 6Page - Linear Technology 3740 Datasheet HTML 7Page - Linear Technology 3740 Datasheet HTML 8Page - Linear Technology 3740 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3740
5
3740fc
Error Amplifier Transconductance
vs Temperature
BIAS-VIN to Enable Controller
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
PIN FUNCTIONS
SN– (Pin 1): Negative Current Sensing Pin. Connect this
pin to the source of the bottom MOSFET for No RSENSE
or to a current sense resistor.
PGND (Pin 2): Power Ground. Connect this pin closely to
the source of the bottom N-channel MOSFET.
BGATE (Pin 3): Bottom Gate Drive. Drives the gate of the
bottom N-channel MOSFET.
BGDP (Pin 4): Bottom Gate Drive Power Supply. Connect
this pin to a voltage source higher than 7V (VIN or BIAS).
SN+ (Pin 5):
Positive Current Sensing Pin. Connect this
pin to the drain of the bottom MOSFET for No RSENSE or
to a current sense resistor.
SW (Pin 6): Switch Node. Connect this pin to the source
of the top N-channel MOSFET and the drain of the bottom
N-channel MOSFET.
TGATE (Pin 7): Top Gate Drive. Drives the gate of the top
N-channel MOSFET to BIAS.
BIAS (Pin 8): Top Gate Drive Power Supply. Connect a
capacitor between this pin and VIN.
SWB (Pin 9): Switch Pin of the Internal Boost. Connect
the boost inductor here.
VIN (Pin 10): Input Supply Pin. Must be locally bypassed
with a capacitor.
RANGE (Pin 11): Current Limit Range Select Pin. Ground
this pin for 50mV current sense voltage limit. Leave this
pin open for 80mV current sense voltage limit. Connect
this pin to VIN for current sense voltage limit of 105mV.
PGOOD (Pin 12): Power Good Output. Open collector
logic output that is pulled low when the FB voltage lower
than 720mV.
SHDN(Pin13):ShutdownPin.Connectto2.5Vorhigherto
enable device; 0.5V or less to disable device. Also, this pin
functions as soft-start when a voltage ramp is applied.
XREF (Pin 14): External Reference Pin. This pin sets the
FB voltage externally between 0V and 0.8V. It can be used
to slave the output voltage during normal operation or the
output start-up behavior to an external signal source. Tie
this pin to 1V or higher to use the internal 0.8V reference.
FB (Pin 15): Feedback Pin. Pin voltage is regulated to 0.8V
if internal reference is used or to the XREF pin if voltage
is between 0V and 0.8V. Connect the feedback resistor
divider to this pin.
TEMPERATURE (°C)
–50
340
390
370
380
350
360
400
3740 G12
330
320
310
300
25
50
0
–25
75
100
TEMPERATURE (°C)
–50
7.20
7.45
7.35
7.40
7.25
7.30
7.50
3740 G13
7.15
7.10
7.05
7.00
25
50
0
–25
75
100
TEMPERATURE (°C)
–50
2.0
2.5
1.5
3.0
3740 G14
1.0
0.5
0
25
50
0
–25
75
100
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com