Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3756 Datasheet(HTML) 1 Page - Linear Technology

  LT3756 Datasheet HTML 1Page - Linear Technology LT3756 Datasheet HTML 2Page - Linear Technology LT3756 Datasheet HTML 3Page - Linear Technology LT3756 Datasheet HTML 4Page - Linear Technology LT3756 Datasheet HTML 5Page - Linear Technology LT3756 Datasheet HTML 6Page - Linear Technology LT3756 Datasheet HTML 7Page - Linear Technology LT3756 Datasheet HTML 8Page - Linear Technology LT3756 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3756/LT3756-1
1
37561f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
100VIN, 100VOUT
LED Controller
The LT
®3756 and LT3756-1 are DC/DC controllers designed
to operate as a constant-current source for driving high
current LEDs. They drive a low side external N-channel
power MOSFET from an internal regulated 7V supply. The
fixed frequency, current-mode architecture results in stable
operation over a wide range of supply and output voltages.
A ground referenced voltage FB pin serves as the input for
several LED protection features, and also makes it possible
for the converter to operate as a constant-voltage source.
A frequency adjust pin allows the user to program the
frequency from 100kHz to 1MHz to optimize efficiency,
performance or external component size.
The LT3756/LT3756-1 sense output current at the high
side of the LED string. High side current sensing is the
most flexible scheme for driving LEDs, allowing boost,
buck mode or buck-boost mode configuration. The PWM
input provides LED dimming ratios of up to 3000:1, and the
CTRL input provides additional analog dimming capability.
Both parts are available in the 16-lead QFN (3mm
× 3mm)
and MSOP packages.
94% Efficient 30W White LED Headlamp Driver
n 3000:1 True Color PWM
TM Dimming
n Wide Input Voltage Range: 6V to 100V
n Output Voltage Up to 100V
n Constant-Current and Constant-Voltage Regulation
n 100mV High Side Current Sense
n Drives LEDs in Boost, Buck Mode, Buck-Boost Mode,
SEPIC or Flyback Topology
n Adjustable Frequency: 100kHz to 1MHz
n Open LED Protection
n Programmable Undervoltage Lockout with Hysteresis
n Open LED Status Pin (LT3756)
n Frequency Synchronization (LT3756-1)
n PWM Disconnect Switch Driver
n CTRL Pin Provides Analog Dimming
n Low Shutdown Current: <1μA
n Programmable Soft-Start
n Thermally Enhanced 16-Lead QFN (3mm
× 3mm)
and MSOP Packages
n High Power LED Applications
n Industrial
n Automotive
VIN
LT3756
22μH
GND
VC
INTVCC
SHDN/UVLO
FB
VREF
ISP
332k
100k
INTVCC
1M
4.7μF
0.001μF
0.01μF
VIN
8V TO 60V
(100V TRANSIENT)
10k
332k
10k
28.7k
400kHz
1%
4.7μF
40.2k
CTRL
0.018Ω
0.27Ω
1M
14k
370mA
4.7μF
30W
LED
STRING
3756 TA01a
OPENLED
PWM
SS
RT
ISN
GATE
SENSE
PWMOUT
Efficiency vs VIN
LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
True Color PWM is a trademark of Linear Technology Corporation. All other trademarks are
the property of their respective owners. Protected by U.S. Patents, including 7199560
and 7321203.
VIN (V)
020
80
84
88
92
96
100
40
60
80
37561 TA01b


Similar Part No. - LT3756

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3756 LINER-LT3756 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
LT3756 LINER-LT3756 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
logo
Analog Devices
LT3756 AD-LT3756 Datasheet
504Kb / 28P
40VIN, 75VOUT LED Controllers
10/19-REV.E
LT3756 AD-LT3756 Datasheet
399Kb / 26P
100VIN, 100VOUT LED Controller
02/20-REV.C
LT3756 AD-LT3756 Datasheet
2Mb / 30P
60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. 0
More results

Similar Description - LT3756

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
450V LED controller
logo
Linear Technology
LT3756 LINER-LT3756_15 Datasheet
317Kb / 24P
100VIN, 100VOUT LED Controller
LT3756-1 LINER-LT3756-1_15 Datasheet
317Kb / 24P
100VIN, 100VOUT LED Controller
LT3756-2 LINER-LT3756-2_15 Datasheet
317Kb / 24P
100VIN, 100VOUT LED Controller
LT8310 LINER-LT8310_15 Datasheet
425Kb / 36P
100VIN Forward Converter Controller
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
LED Drive controller
logo
Analog Devices
LT3756 AD-LT3756 Datasheet
399Kb / 26P
100VIN, 100VOUT LED Controller
02/20-REV.C
LT8300 AD-LT8300 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
LT8393 AD-LT8393 Datasheet
2Mb / 32P
60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
10/20-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com