Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3756 Datasheet(HTML) 5 Page - Linear Technology

  LT3756 Datasheet HTML 1Page - Linear Technology LT3756 Datasheet HTML 2Page - Linear Technology LT3756 Datasheet HTML 3Page - Linear Technology LT3756 Datasheet HTML 4Page - Linear Technology LT3756 Datasheet HTML 5Page - Linear Technology LT3756 Datasheet HTML 6Page - Linear Technology LT3756 Datasheet HTML 7Page - Linear Technology LT3756 Datasheet HTML 8Page - Linear Technology LT3756 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3756/LT3756-1
5
37561f
TYPICAL PERFORMANCE CHARACTERISTICS
FB Voltage vs Temperature
VREF Voltage vs Temperature
VREF Voltage vs VIN
Switching Frequency vs RT
Switching Frequency
vs Temperature
SHDN/UVLO Hysteresis Current
vs Temperature
VISP – VISN Threshold vs VCTRL
VISP – VISN Threshold vs VISP
VISP – VISN Threshold
vs Temperature
TA = 25°C, unless otherwise noted.
RT (k)
37561 G07
10000
1000
100
10
10
100
VCTRL (V)
0
–20
20
60
100
0.5
1
1.5
120
0
40
80
2
3756 G01
ISP VOLTAGE (V)
0
97
99
101
20
40
80
60
103
98
100
102
100
3756 G02
VCTRL = 2V
97
99
101
103
98
100
102
37561 G03
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
VCTRL = 2V
37561 G04
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
1.20
1.22
1.24
1.26
1.28
1.21
1.23
1.25
1.27
37561 G05
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
1.96
1.98
2.00
2.02
2.04
1.97
1.99
2.01
2.03
VIN (V)
0
1.96
1.98
2.00
2.02
20
40
100
60
80
2.04
1.97
1.99
2.01
2.03
37561 G06
37561 G08
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
600
800
1000
1200
1400
700
900
1100
1300
RT = 10k
37561 G09
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
1.6
2.0
2.4
1.8
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com