Electronic Components Datasheet Search
  English  ▼

X  

LT3756 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3756
Description  100VIN, 100VOUT LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3756 Datasheet(HTML) 4 Page - Linear Technology

  LT3756 Datasheet HTML 1Page - Linear Technology LT3756 Datasheet HTML 2Page - Linear Technology LT3756 Datasheet HTML 3Page - Linear Technology LT3756 Datasheet HTML 4Page - Linear Technology LT3756 Datasheet HTML 5Page - Linear Technology LT3756 Datasheet HTML 6Page - Linear Technology LT3756 Datasheet HTML 7Page - Linear Technology LT3756 Datasheet HTML 8Page - Linear Technology LT3756 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3756/LT3756-1
4
37561f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Inputs/Outputs
PWM Input High Voltage
1.5
V
PWM Input Low Voltage
0.4
V
PWM Pin Resistance to GND
45
60
kΩ
PWMOUT Output Low (VOL)
050
mV
PWMOUT Output High (VOH)
INTVCC
– 50mV
V
SHDN/UVLO Threshold Voltage Falling
l
1.185
1.220
1.245
V
SHDN/UVLO Rising Hysteresis
20
mV
SHDN/UVLO Input Low Voltage
IVIN Drops Below 1μA
0.4
V
SHDN/UVLO Pin Bias Current Low
SHDN/UVLO = 1.15V
1.7
2.05
2.5
μA
SHDN/UVLO Pin Bias Current High
SHDN/UVLO = 1.30V
10
100
nA
OPENLED Output Low (VOL)IOPENLED = 0.5mA (LT3756 Only)
200
mV
SYNC Pin Resistance to GND
LT3756-1 Only
30
kΩ
SYNC Input High
LT3756-1 Only
1.5
V
SYNC Input Low
LT3756-1 Only
0.4
V
Gate Driver
tr GATE Driver Output Rise Time
CL = 3300pF
35
ns
tf GATE Driver Output Fall Time
CL = 3300pF
35
ns
GATE Output Low (VOL)
0.05
V
GATE Output High (VOH)
INTVCC
– 50mV
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3756E and LT3756E-1 are guaranteed to meet performance
specifications from 0°C to 125°C junction temperature. Specifications
over the –40°C to 125°C operating junction temperature range are
assured by design, characterization and correlation with statistical process
controls. The LT3756I and LT3756I-1 are guaranteed to meet performance
specifications over the –40°C to 125°C operating junction temperature
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com