Electronic Components Datasheet Search
  English  ▼

X  

LT3782 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3782
Description  2-Phase Step-UP DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3782 Datasheet HTML 9Page - Linear Technology LT3782 Datasheet HTML 10Page - Linear Technology LT3782 Datasheet HTML 11Page - Linear Technology LT3782 Datasheet HTML 12Page - Linear Technology LT3782 Datasheet HTML 13Page - Linear Technology LT3782 Datasheet HTML 14Page - Linear Technology LT3782 Datasheet HTML 15Page - Linear Technology LT3782 Datasheet HTML 16Page - Linear Technology LT3782 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3782
13
3782ff
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
formula:
TJ = TA + PFET • RTH(JA)
The RTH(JA) to be used in this equation normally includes
the RTH(JC) for the device plus the thermal resistance from
the case to the ambient temperature (RTH(CA)). This value
of TJ can then be compared to the original, assumed value
used in the iterative calculation process.
Input Capacitor Choice
The input capacitor must have high enough voltage and
ripple current ratings to handle the maximum input voltage
and RMS ripple current rating. The input ripple current in
a boost circuit is very small because the input current is
continuous. With 2-phase operation, the ripple cancellation
will further reduce the input capacitor ripple current rating.
The ripple current is plotted in Figure 5. Please note that
the ripple current is normalized against
I
norm =
V
IN
L•f
s
Output Capacitor Selection
The voltage rating of the output capacitor must be greater
than the maximum output voltage with sufficient derat-
ing. Because the ripple current in output capacitor is a
pulsating square wave in a boost circuit, it is important
that the ripple current rating of the output capacitor be
high enough to deal with this large ripple current. Figure
6 shows the output ripple current in the 1- and 2-phase
designs. As we can see, the output ripple current of a
2-phase boost circuit reaches almost zero when the duty
cycle equals 50% or the output voltage is twice as much as
the input voltage. Thus the 2-phase technique significantly
reduces the output capacitor size.
Figure 6. Normalized Output RMS Ripple Currents in Boost
Converter: 1-Phase and 2-Phase. IOUT Is the DC Output Current.
0.1
0.9
3782 F05
0.3
0.5
0.7
0.8
0.2
0.4
0.6
3.25
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
DUTY CYCLE OR (1-VIN/VOUT)
1-PHASE
2-PHASE
Figure 5. Normalized Input Peak-to-Peak Ripple Current
DUTY CYCLE
0
1.00
0.90
0.80
0.60
0.70
0.50
0.40
0.30
0.20
0.10
0
0.8
3782 F04
0.2
0.4
0.6
1.0
1-PHASE
2-PHASE
APPLICATIONS INFORMATION
I
norm =
V
IN
L•f
s
The RMS Ripple Current is About 29% of
the Peak-to-Peak Ripple Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com