Electronic Components Datasheet Search
  English  ▼

X  

LT3782 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3782
Description  2-Phase Step-UP DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782 Datasheet(HTML) 3 Page - Linear Technology

  LT3782 Datasheet HTML 1Page - Linear Technology LT3782 Datasheet HTML 2Page - Linear Technology LT3782 Datasheet HTML 3Page - Linear Technology LT3782 Datasheet HTML 4Page - Linear Technology LT3782 Datasheet HTML 5Page - Linear Technology LT3782 Datasheet HTML 6Page - Linear Technology LT3782 Datasheet HTML 7Page - Linear Technology LT3782 Datasheet HTML 8Page - Linear Technology LT3782 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3782
3
3782ff
The ● denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C. VCC = 13V, RSET = 80k, no load on any outputs, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Voltage (VCC)
l
640
V
Supply Current (IVCC)VC ≤ 0.5V (Switching Off), VCC ≤ 40V
11
16
mA
Shutdown
RUN Threshold
l
2.3
2.45
2.6
V
RUN Threshold Hysteresis
80
mV
Supply Current in Shutdown
1V ≤ RUN ≤ VREF, VCC ≤ 30V
RUN ≤ 0.3V, VCC ≤ 30V
0.4
40
0.65
90
mA
μA
RUN Pin Input Current
VRUN = 2.3V
l
–0.5
–2
μA
Voltage Amplifier gm
Reference Voltage (VREF)
l
2.42
2.4
2.44
2.464
2.488
V
V
Transconductance
VVC = 1V, ΔIVC = ±2μA
l
200
260
370
μmho
Input Current IFB
VFB = VREF
l
0.2
0.6
μA
VC High
IVC = 0
1.5
V
VC Low
IVC = 0
0.35
0.4
V
Source Current IVC
VVC = 0.7V – 1V, VFB = VREF – 100mV
8
11
14
μA
Sink Current IVC
VVC = 0.7V – 1V, VFB = VREF + 100mV
13
20
28
μA
VC Threshold for Switching Off (BGATE1, BGATE2 Low)
l
0.3
V
Soft-Start Current ISS
VSS = 0.1V – 2.8V
6
10
15
μA
Current Amplifier CA1, CA2
Voltage Gain ΔVC /ΔVSENSE
4
Current Limit (VSENSE1+ – VSENSE1–) (VSENSE2+ – VSENSE2–)
506280
mV
Input Current (ISENSE1+, ISENSE1–, ISENSE2+, ISENSE2–)ΔVSENSE = 0V
60
μA
Oscillator
Switching Frequency
RSET = 130k
RSET = 80k
RSET = 40k
l
l
l
130
212
386
154
250
465
177
288
533
kHz
kHz
kHz
Synchronization Pulse Threshold on SYNC Pin
Rising Edge VSYNC
0.8
1.2
2
V
Synchronization Frequency Range
(Note: Operation Switching Frequency Equals
Half of the Synchronization Frequency)
RSET = 130k
RSET = 80k
RSET = 40k
180
290
550
240
392
715
kHz
kHz
kHz
VRSET
RSET = 80k
2.3
V
Maximum Duty Cycle
VFB = VREF – 25mV, RSET > 80k
RSET = 40k
l
l
90
83
94
90
%
%
Duty Cycle Limit
RSET = 80k, VDCL ≤ 0.3V
VDCL = 1.2V
VDCL = VRSET
50
75
Max Duty Cycle
%
%
DCL Pin Input Current
VDCL ≤ 0.3V
l
–0.1
–0.3
μA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com