Electronic Components Datasheet Search
  English  ▼

X  

LT3782 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3782
Description  2-Phase Step-UP DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782 Datasheet(HTML) 2 Page - Linear Technology

  LT3782 Datasheet HTML 1Page - Linear Technology LT3782 Datasheet HTML 2Page - Linear Technology LT3782 Datasheet HTML 3Page - Linear Technology LT3782 Datasheet HTML 4Page - Linear Technology LT3782 Datasheet HTML 5Page - Linear Technology LT3782 Datasheet HTML 6Page - Linear Technology LT3782 Datasheet HTML 7Page - Linear Technology LT3782 Datasheet HTML 8Page - Linear Technology LT3782 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3782
2
3782ff
TJMAX = 125°C, θJA = 38°C/ W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
VCC Supply Voltage ...................................................40V
GBIAS, GBIAS1, GBIAS2 Pin
(Externally Forced) ....................................................14V
SYNC, RUN Pin .........................................................30V
Operating Junction Temperature
Range (Notes 2, 3)................................. –40°C to 125°C
(Note 1)
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
SS ................................................................ –0.3V to 6V
SENSE1+, SENSE2+,
SENSE1–, SENSE2– ..................................... –0.3V to 2V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SGATE2
SGATE1
NC
GND
SYNC
DELAY
DCL
SENSE1+
SENSE1–
SLOPE
RSET
SENSE2–
SENSE2+
SS
GBIAS
VCC
NC
NC
VEE1
BGATE1
GBIAS1
GBIAS2
BGATE2
VEE2
NC
RUN
FB
VC
29
9
10
TOP VIEW
29
UFD PACKAGE
28-LEAD (4mm × 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
SYNC
DELAY
DCL
SENSE1+
SENSE1–
SLOPE
RSET
SENSE2–
BGATE1
GBIAS1
NC
NC
GBIAS2
BGATE2
VEE2
NC
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJA = 37°C/ W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3782EFE#PBF
LT3782EFE#TRPBF
LT3782EFE
28-Lead Plastic TSSOP
–40°C to 85°C
LT3782IFE#PBF
LT3782IFE#TRPBF
LT3782IFE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3782EUFD#PBF
LT3782EUFD#TRPBF
3782
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3782EFE
LT3782EFE#TR
LT3782EFE
28-Lead Plastic SSOP
–40°C to 85°C
LT3782IFE
LT3782IFE#TR
LT3782IFE
28-Lead Plastic SSOP
–40°C to 125°C
LT3782EUFD
LT3782EUFD#TR
3782
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com