Electronic Components Datasheet Search
  English  ▼

X  

LT5500 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5500
Description  1.8GHz to 2.7GHz Receiver Front End
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5500 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5500 Datasheet HTML 3Page - Linear Technology LT5500 Datasheet HTML 4Page - Linear Technology LT5500 Datasheet HTML 5Page - Linear Technology LT5500 Datasheet HTML 6Page - Linear Technology LT5500 Datasheet HTML 7Page - Linear Technology LT5500 Datasheet HTML 8Page - Linear Technology LT5500 Datasheet HTML 9Page - Linear Technology LT5500 Datasheet HTML 10Page - Linear Technology LT5500 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT5500
5500f
BLOCK DIAGRA
Figure 2. LT5500 Block Diagram
LO
MIX_IN
LO+
LO–
LNA_OUT
LNA_IN
LNA_GND
GND
GS
EN
1
3
5
6
7
8
2, 9, 17, 21
10
12
13
5500 BD
15
18
19
22
24
4, 11, 14, 16, 20, 23
LT5500
MIX_GND
VCC
IF–
IF+
IF
RF
BIAS
APPLICATIONS INFORMATION
The LT5500 consists of an LNA, a Mixer, an LO buffer and
the associated bias circuitry. The chip is designed to be
compatible with IEEE802.11b wireless local area network
(WLAN), MMDS and other wireless applications. The LNA
and Mixer are designed to operate over an input frequency
range of 1.8GHz to 2.7GHz with a supply voltage of 1.8V
to 5.25V. The Mixer IF output frequency range is typically
10MHz to 450MHz with proper matching. The typical LO
drive is –10dBm. The LO buffer operation is broadband.
LNA
The LNA has two modes of operation: high gain and low
gain. In the high gain mode, the LNA is a cascode
amplifier. Package inductance is used to achieve better
than 10dB input return loss over the entire frequency
range. The input of the LNA must be AC coupled. The
linearity of the high gain mode of the LNA can be in-
creased by adding inductance to LNA_GND. This will
reduce the gain and improve input return loss while
having little impact on the low gain mode. In low gain
mode, the LNA uses a capacitively coupled diode and a
resistively degenerated cascode to attenuate the incom-
ing signal and maintain a moderate VSWR. The LNA
output is an open collector, and the matching circuit
requires a shunt inductor connected to the power supply
to provide the bias current. The component configuration
for matching and example component values are listed in
Figure 3. If it is desirable to reduce the gain further and
simultaneously broaden the LNA bandwidth, an addi-
tional shunt resistor to the power supply can be added to
the output to reduce the output quality factor (Q).
The LT5500 is designed to allow an interstage bandpass
filter to be introduced between the output of the LNA and
the input of the Mixer. If such an interstage filter is
unnecessary, the output of the LNA can be connected to
the Mixer input through a blocking capacitor and small
value resistor.
Mixer
The Mixer consists of a single-ended input differential pair
followed by a double-balanced mixer cell. The input match-
ing configuration for the Mixer is shown in Figure 3. The
Mixer uses a 4.7nH external inductance to act as a high
frequency current source at the MIX_GND pin. Example
component values for matching the mixer input are tabu-
lated in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com