Electronic Components Datasheet Search
  English  ▼

X  

LT5500 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5500
Description  1.8GHz to 2.7GHz Receiver Front End
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5500 Datasheet(HTML) 5 Page - Linear Technology

  LT5500 Datasheet HTML 1Page - Linear Technology LT5500 Datasheet HTML 2Page - Linear Technology LT5500 Datasheet HTML 3Page - Linear Technology LT5500 Datasheet HTML 4Page - Linear Technology LT5500 Datasheet HTML 5Page - Linear Technology LT5500 Datasheet HTML 6Page - Linear Technology LT5500 Datasheet HTML 7Page - Linear Technology LT5500 Datasheet HTML 8Page - Linear Technology LT5500 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT5500
5500f
TYPICAL PERFOR A CE CHARACTERISTICS
Mixer Conversion Gain
vs LO Power
Mixer IIP3 vs LO Power
P(LO) (dBm)
0
0
1
3
4
5
–20
9
5500 G10
2
–10
–5
–25
–15
–30
6
7
8
2.5GHz
1.8GHz
IF = 280MHz
VCC = 3V
TA = 25°C
LNA Input Return Loss
vs Supply Voltage
Mixer SSB Noise Figure
vs LO Power
P(LO) (dBm)
0
10
11
12
–15
–25
5500 G11
9
8
7
–5
–10
–20
13
14
15
–30
2.5GHz
1.8GHz
IF = 280MHz
VCC = 3V
TA = 25°C
P(LO) (dBm)
0
–3.0
–2.6
–2.2
–1.8
–5
–10
–15
–20
5500 G12
–25
–1.4
–1.0
–2.8
–2.4
–2.0
–1.6
–1.2
–30
2.5GHz
1.8GHz
IF = 280MHz
VCC = 3V
TA = 25°C
LNA Input Return Loss
vs Temperature
LNA Output Return Loss
vs Supply Voltage
VCC (V)
1.5
11
12
13
5.5
5500 G13
10
9
6
7
2.5
3.5
4.5
8
15
14
LOW GAIN
HIGH GAIN
RF = 2.5GHz
TA = 25°C
TEMPERATURE (°C)
–50
6
8
10
12
14
18
050
HIGH GAIN
LOW GAIN
5500 G14
100
16
RF = 2.5GHz
VCC = 3V
VCC (V)
1.5
16
18
20
5.5
5500 G15
14
12
6
8
2.5
3.5
4.5
10
24
22
LOW GAIN
HIGH GAIN
RF = 2.5GHz
TA = 25°C
LNA Output Return Loss
vs Temperature
ICC vs Supply Voltage
(High Gain Mode)
ICC vs Supply Voltage
(Low Gain Mode)
TEMPERATURE (°C)
–50
20
18
16
14
12
10
8
6
5500 G16
0
50
HIGH GAIN
100
LOW GAIN
RF = 2.5GHz
VCC = 3V
VCC (V)
1.5
23
25
27
5.5
5500 G17
21
19
15
2.5
3.5
4.5
17
31
85°C
25°C
–40°C
29
VCC (V)
1.5
20
22
24
5.5
5500 G18
18
16
12
2.5
3.5
4.5
14
28
85°C
25°C
–40°C
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com