Electronic Components Datasheet Search
  English  ▼

X  

LT5500 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5500
Description  1.8GHz to 2.7GHz Receiver Front End
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5500 Datasheet(HTML) 1 Page - Linear Technology

  LT5500 Datasheet HTML 1Page - Linear Technology LT5500 Datasheet HTML 2Page - Linear Technology LT5500 Datasheet HTML 3Page - Linear Technology LT5500 Datasheet HTML 4Page - Linear Technology LT5500 Datasheet HTML 5Page - Linear Technology LT5500 Datasheet HTML 6Page - Linear Technology LT5500 Datasheet HTML 7Page - Linear Technology LT5500 Datasheet HTML 8Page - Linear Technology LT5500 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT5500
5500f
TYPICAL APPLICATIO
FEATURES
DESCRIPTIO
APPLICATIO S
1.8GHz to 2.7GHz
Receiver Front End
■ 1.8V to 5.25V Supply
■ Dual LNA Gain Setting: +13.5dB/–14dB at 2.5GHz
■ Double-Balanced Mixer
■ Internal LO Buffer
■ LNA Input Internally Matched
■ Low Supply Current: 23mA
■ Low Shutdown Current: 2µA
■ 24-Lead Narrow SSOP Package
The LT
®5500 is a receiver front end IC designed for low
voltage operation. The chip contains a low noise amplifier
(LNA), a Mixer and an LO buffer. The IC is designed to
operate over a power supply voltage range from 1.8V to
5.25V.
The LNA can be set to either high gain or low gain mode.
At 2.5GHz, the high gain mode provides 13.5dB gain and
a noise figure (NF) of 4dB. The LNA in low gain mode
provides –14dB gain and an IIP3 of + 8dBm at 2.5GHz.
The mixer has 5dB of conversion gain and an IIP3 of
– 2.5dBm at 2.5GHz, with –10dBm LO input power.
■ IEEE 802.11 and 802.11b DSSS and FHSS
■ High Speed Wireless LAN
■ Wireless Local Loop
Figure 1. 2.5GHz Receiver. Interstage Filter is Optional
LO
MIX_IN
LO+
LO–
LNA_OUT
LNA_IN
LNA_GND
GND
GS
EN
LT5500
MIX_GND
VCC
2V
IF–
5500 F01
IF+
2V
••
T2
8:1
IF
RF
C4
C17
C23
L3
L5
L7
IF OUTPUT
RF
INPUT
L4
100pF
×2
L2
2V
GAIN
SELECT
RF INPUT
FILTER
ENABLE
100pF
100pF
L9
LO INPUT
INTERSTAGE
FILTER
100pF
×4
1nF
100pF
1µF
LNA Gain (High Gain Mode)
and Mixer Conversion Gain
VCC (V)
1.5
13.4
13.6
13.7
5.5
5500 TA02
13.2
13.0
2.5
3.5
4.5
2
3
4
5
14.0
13.3
13.5
13.1
13.8
13.9
4.8
5.2
5.4
4.4
4.0
6.0
4.6
5.0
4.2
5.6
5.8
fRF = 2.5GHz
TA = 25°C
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT5500

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5500 LINER-LT5500 Datasheet
306Kb / 12P
1.8GHz to 2.7GHz Receiver Front End
LT5500 LINER-LT5500 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
LT5500 LINER-LT5500 Datasheet
194Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5500 LINER-LT5500_15 Datasheet
306Kb / 12P
1.8GHz to 2.7GHz Receiver Front End
More results

Similar Description - LT5500

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
List of Unclassifed Man...
DRP3510 ETC-DRP3510 Datasheet
450Kb / 30P
Digital Receiver Front-end
logo
Linear Technology
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
800MHz to 2.7GHz RF Measuring Receiver
LT5500 LINER-LT5500_15 Datasheet
306Kb / 12P
1.8GHz to 2.7GHz Receiver Front End
logo
RF Micro Devices
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
logo
Motorola, Inc
MC13062 MOTOROLA-MC13062 Datasheet
189Kb / 2P
FM RECEIVER FRONT END
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
RF Front--End Receiver Module
Rev. 0, 07/2020
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
RF Front--End Receiver Module
Rev. 0, 05/2020
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com