Electronic Components Datasheet Search
  English  ▼

X  

LT5522EUF Datasheet(PDF) 1 Page - Linear Technology

Part # LT5522EUF
Description  400MHz to 2.7GHz High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5522EUF Datasheet(HTML) 1 Page - Linear Technology

  LT5522EUF Datasheet HTML 1Page - Linear Technology LT5522EUF Datasheet HTML 2Page - Linear Technology LT5522EUF Datasheet HTML 3Page - Linear Technology LT5522EUF Datasheet HTML 4Page - Linear Technology LT5522EUF Datasheet HTML 5Page - Linear Technology LT5522EUF Datasheet HTML 6Page - Linear Technology LT5522EUF Datasheet HTML 7Page - Linear Technology LT5522EUF Datasheet HTML 8Page - Linear Technology LT5522EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT5522
1
5522fa
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Operation over a wider frequency range is possible with reduced performance.
Consult factory for information and assistance.
■ Internal On-Chip RF Input Transformer
■ 50
Ω Single-Ended RF and LO Ports
■ High Input IP3: +25dBm at 900MHz
+21.5dBm at 1900MHz
■ Low Power Consumption: 280mW Typical
■ Integrated LO Buffer: Low LO Drive Level
■ High LO-RF and LO-IF Isolation
■ Wide RF Frequency Range: 0.4GHz to 2.7GHz*
■ Very Few External Components
■ Enable Function
■ 4.5V to 5.25V Supply Voltage Range
■ 16-Lead (4mm
× 4mm) QFN Package
400MHz to 2.7GHz
High Signal Level
Downconverting Mixer
■ Cellular, PCS and UMTS Band Infrastructure
■ CATV Downlink Infrastructure
■ 2.4GHz ISM
■ High Linearity Downmixer Applications
Figure 1. High Signal Level Downmixer for Wireless Infrastructure
The LT
®5522 active downconverting mixer is optimized for
high linearity downconverter applications including cable
and wireless infrastructure. The IC includes a high speed
differential LO buffer amplifier driving a double-balanced
mixer. The LO buffer is internally matched for wideband,
single-ended operation with no external components.
The RF input port incorporates an integrated RF trans-
former and is internally matched over the 1.2GHz to 2.3GHz
frequency range with no external components. The RF
input match can be shifted down to 400MHz, or up to
2.7GHz, with a single shunt capacitor or inductor, respec-
tively. The high level of integration minimizes the total
solution cost, board space and system-level variation.
The LT5522 delivers high performance and small size
without excessive power consumption.
LTC1748
ADC
5522 F01
140MHz
(TYP)
1850MHz
TO
1910MHz
100pF
2.7pF
IF+
LO–
LT5522
LO+
LO INPUT
–5dBm
IF–
RF+
RF–
EN
VCC1
VCC2
150nH
150nH
0.01
µF
3.3
µF
5V
BIAS/
CONTROL
VGA
LNA
LO INPUT POWER (dBm)
–11
0
4
8
12
16
–9
–7
–5
–3
5522 TA01
–1
1
20
IIP3
24
22
IF = 140MHz
LOW-SIDE LO
TA = 25°C
VCC = 5V
2
6
10
14
18
–70
–60
–50
–40
–30
–20
–10
SSB NF
LO-RF
1.9GHz Conversion Gain, IIP3, SSB
NF and LO-RF Leakage vs LO Power
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT5522EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5522 LINER-LT5522 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5522 LINER-LT5522 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LT5522 LINER-LT5522 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
More results

Similar Description - LT5522EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5527 LINER-LT5527 Datasheet
197Kb / 16P
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5557 LINER-LT5557 Datasheet
236Kb / 16P
400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5592 LINER-LTC5592 Datasheet
362Kb / 20P
Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5592 LINER-LTC5592_15 Datasheet
414Kb / 20P
Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
300MHz to 6GHz High Signal Level Active Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com