Electronic Components Datasheet Search
  English  ▼

X  

LT5522EUF Datasheet(PDF) 5 Page - Linear Technology

Part # LT5522EUF
Description  400MHz to 2.7GHz High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5522EUF Datasheet(HTML) 5 Page - Linear Technology

  LT5522EUF Datasheet HTML 1Page - Linear Technology LT5522EUF Datasheet HTML 2Page - Linear Technology LT5522EUF Datasheet HTML 3Page - Linear Technology LT5522EUF Datasheet HTML 4Page - Linear Technology LT5522EUF Datasheet HTML 5Page - Linear Technology LT5522EUF Datasheet HTML 6Page - Linear Technology LT5522EUF Datasheet HTML 7Page - Linear Technology LT5522EUF Datasheet HTML 8Page - Linear Technology LT5522EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT5522
5
5522fa
TYPICAL AC PERFOR A CE CHARACTERISTICS Low-band RF (C5 = 2.2pF) and high-band RF
(L3 = 3.9nH) VCC = 5V, EN = High, TA = 25°C, PRF = –7dBm (–7dBm/tone for 2-tone IIP3 tests, ∆f = 1MHz), PLO = –5dBm, IF output
measured at 140MHz, unless otherwise noted. (Test circuit shown in Figure 2).
Low Band Conv Gain, IIP3 and
SSB NF vs RF Frequency
LO Leakage vs LO Frequency
(Low Band RF Match)
Low Band Conv Gain and IIP3 vs
Supply Voltage (RF = 900MHz)
High Band Conv Gain, IIP3, SSB NF
and LO Leakage vs RF Frequency
High Band Conv Gain and IIP3 vs
Temperature (RF = 2450MHz)
High Band Conv Gain, IIP3 and SSB
NF vs LO Power (RF = 2450MHz)
Low Band IF OUT, 2
× 2 and 3 × 3
Spurs vs RF Input Power (Single Tone)
RF INPUT POWER (dBm)
–15
–40
–20
10
9
5522 G12
–60
–80
–50
–30
–10
0
–70
–90
–100
–9
–3
3
–12
–18
–6
0
6
12
3RF-3LO
(RF = 806.67MHz)
2RF-2LO
(RF = 830MHz)
IF OUT
(RF = 900MHz)
TA = 25°C
fLO = 760MHz
RF FREQUENCY (MHz)
600
–2
2
6
10
700
800
900
1000
5522 G10
1100
14
18
0
4
8
12
16
6
10
14
18
22
26
8
IIP3
12
16
20
24
1200
SSB NF
GC
LOW SIDE LO
LOW SIDE LO
HIGH SIDE LO
HIGH SIDE LO
TA = 25°C
fIF = 140MHz
TEMPERATURE (
°C)
–50
–3
1
5
9
–25
0
25
50
5522 G11
75
13
17
–1
3
7
11
15
6
10
14
18
22
26
8
IIP3
12
16
20
24
100
GC
LOW SIDE LO
fIF = 140MHz
HIGH SIDE LO
LOW SIDE LO
HIGH SIDE LO
Low Band Conv Gain and IIP3
vs Temperature (RF = 900MHz)
Low Band Conv Gain, IIP3 and SSB
NF vs LO Power (RF = 900MHz)
LO INPUT POWER (dBm)
–11
–3
1
5
9
–9
–7
–5
–3
5522 G13
–1
13
17
–1
3
7
11
15
6
10
14
18
22
26
8
IIP3
12
16
20
24
1
GC
25
°C
85
°C
–40
°C
fLO = 760MHz
fIF = 140MHz
SSB NF
LO FREQUENCY (MHz)
400
–60
–50
–40
–30
1200
5522 G14
–70
–80
–65
–55
–45
–35
–75
–85
–90
600
800
1000
1400
LO-IF
TA = 25°C
fIF = 140MHz
PLO = –5dBm
LO-RF
SUPPLY VOLTAGE (V)
4.5
–3
1
5
9
4.75
5
5522 G15
5.25
13
17
–1
3
7
11
15
6
10
14
18
22
26
8
12
16
20
24
5.5
GC
25
°C
85
°C
–40
°C
fLO = 760MHz
fIF = 140MHz
IIP3
RF FREQUENCY (MHz)
2200
–2
2
6
10
2300
2400
2500
5522 G16
2600
14
20
0
4
8
12
16
18
–110
–80
–60
–40
–20
0
–90
–100
IIP3
–70
–50
–30
–10
2700
SSB NF
GC
LO-IF
LO-RF
TA = 25°C
fIF = 140MHz
LOW SIDE LO
TEMPERATURE (
°C)
–50
–3
1
5
9
–25
GC
IIP3
0
25
50
5522 G17
75
13
17
–1
3
7
11
15
100
fLO = 2310MHz
fIF = 140MHz
LO INPUT POWER (dBm)
–11
–2
2
6
10
–9
–7
–5
–3
5522 G18
–1
14
18
0
4
8
12
16
10
12
14
16
18
20
11
IIP3
13
15
17
19
1
GC
25
°C
85
°C
–40
°C
fLO = 2310MHz
fIF = 140MHz
SSB NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com