Electronic Components Datasheet Search
  English  ▼

X  

LT5522EUF Datasheet(PDF) 13 Page - Linear Technology

Part # LT5522EUF
Description  400MHz to 2.7GHz High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5522EUF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5522EUF Datasheet HTML 8Page - Linear Technology LT5522EUF Datasheet HTML 9Page - Linear Technology LT5522EUF Datasheet HTML 10Page - Linear Technology LT5522EUF Datasheet HTML 11Page - Linear Technology LT5522EUF Datasheet HTML 12Page - Linear Technology LT5522EUF Datasheet HTML 13Page - Linear Technology LT5522EUF Datasheet HTML 14Page - Linear Technology LT5522EUF Datasheet HTML 15Page - Linear Technology LT5522EUF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT5522
13
5522fa
Higher linearity and lower LO-IF leakage can be realized by
using the simple, three element lowpass matching net-
work shown in Figure 10. Matching elements C4, L1 and
L2 form a 400
Ω to 200Ω lowpass matching network
which is tuned to the desired IF frequency. The 4:1
transformer then transforms the 200
Ω differential output
to 50
Ω single-ended. The value of C4 is reduced by 1pF to
account for the equivalent internal capacitance.
For optimum linearity, C4 must be located close to the IF
pins. Excessive trace length or inductance between the IF
pins and C4 will increase the amplitude of the image output
and reduce voltage swing headroom for the desired IF
frequency. High Q wire-wound chip inductors (L1 and L2)
improve the mixer’s conversion gain by a few tenths of a
dB, but have little effect on linearity.
This matching network is most suitable for IF frequencies
of 40MHz or above. Below 40MHz, the value of the series
inductors (L1 and L2) is high, and could cause stability
problems, depending on the inductor value and parasitics.
Therefore, the 8:1 transformer technique is recommended
for low IF frequencies.
Suggested matching network values for several IF fre-
quencies are listed in Table 3. Measured output return
losses for the 140MHz match and the wideband CATV
match are plotted in Figure 13.
Table 3. IF Matching Element Values (See Figure 10)
IF FREQUENCY
L1, L2
C4
(MHz)
(nH)
(pF)
IF TRANSFORMER
2-140
Short
—
TC8-1 (8:1)
70
220
4.7
ETC4-1-2 (4:1)
140
82
1.5
240
56
0.5
380
39
—
50-1000 (CATV)
18
—
MABAES0054 (4:1)
For fully differential IF architectures, the IF transformer
can be eliminated. As shown in Figure 14, supply voltage
to the mixer’s IF pins is applied through matching induc-
tors in a bandpass IF matching network. The values of L1,
L2 and C4 are calculated to resonate at the desired IF
frequency with a quality factor that satisfies the required IF
bandwidth. The L and C values are then adjusted to
account for the mixer’s internal 1pF capacitance and the
SAW filter’s input capacitance. In this case, the differential
IF output impedance is 400
Ω, since the bandpass network
does not transform the impedance.
For low cost applications, it is possible to replace the IF
transformer with a lumped-element network which pro-
duces a single-ended 50
Ω output. One approach is shown
in Figure 15, where L1, L2, C4 and C6 form a narrowband
bridge balun. The L and C values are calculated to realize
a 180 degree phase shift at the desired IF frequency using
the equations listed below. Inductor L4 is calculated to
cancel the internal 1pF capacitance. L3 also supplies bias
voltage to the IF+ pin. Low cost multilayer chip inductors
are adequate for L1 and L2. A high Q wire-wound chip
APPLICATIO S I FOR ATIO
Figure 13. Typical IF Output Return Losses
for Various Matching Techniques
Figure 14. Bandpass IF Matching for Differential IF Architectures
IF FREQUENCY (Hz)
0
–5
–10
5522 F13
–25
–15
–20
1E9
1E7
1E8
240MHz MATCH
LUMPED ELEMENT
BRIDGE BALUN
LOW FREQ MATCH
(NO IF MATCHING)
8:1 BALUN
140MHz MATCH
(82nH/1.5pF)
4:1 BALUN
50MHz TO 1000MHz
(18nH/0pF)
4:1 CATV BALUN
SAW
FILTER
C3
VCC
C4
IF+
IF–
L2
5522 F14
L1
IF
AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com