Electronic Components Datasheet Search
  English  ▼

X  

LT5558 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5558
Description  600MHz to 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5558 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5558 Datasheet HTML 8Page - Linear Technology LT5558 Datasheet HTML 9Page - Linear Technology LT5558 Datasheet HTML 10Page - Linear Technology LT5558 Datasheet HTML 11Page - Linear Technology LT5558 Datasheet HTML 12Page - Linear Technology LT5558 Datasheet HTML 13Page - Linear Technology LT5558 Datasheet HTML 14Page - Linear Technology LT5558 Datasheet HTML 15Page - Linear Technology LT5558 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT5558
13
5558fa
APPLICATIONS INFORMATION
RF FREQUENCY (MHz)
896.25
–70
–50
–30
902.25
5558 F12
–90
–110
–80
–60
–40
–100
–120
–130
897.75
899.25
900.75
903.75
SPECTRUM ANALYSER NOISE FLOOR
CORRECTED
SPECTRUM
UNCORRECTED
SPECTRUM
DOWNLINK TEST
MODEL 64 DPCH
RF FREQUENCY (MHz)
894
–70
–50
–30
902
5558 F13
–90
–110
–80
–60
–40
–100
–120
–130
896
898
900
904
906
SPECTRUM ANALYSER NOISE FLOOR
CORRECTED SPECTRUM
UNCORRECTED
SPECTRUM
DOWNLINK
TEST
MODEL
64 DPCH
90
°
0
°
LT5558
BASEBAND
GENERATOR
PA
VCO/SYNTHESIZER
RF = 600MHz
TO 1100MHz
EN
2, 4, 6, 9, 10, 12, 15, 17
100nF
×2
5V
V-I
V-I
I-CHANNEL
Q-CHANNEL
BALUN
14
16
1
7
5
8, 13
VCC
11
3
5558 F10
I-DAC
Q-DAC
Figure 10. 600MHz to 1.1GHz Direct Conversion Transmitter Application
Example: RFID Application
In Figure 15 the interface between the LTC1565 (U2, U3)
and the LT5558 is designed for RFID applications. The
LTC1565 is a seventh-order, 650kHz, continuous-time,
linear-phase, lowpass filter. The optimum output com-
mon-mode level of the LTC1565 is about 2.5V and the
optimum input common-mode level of the LT5558 is
around 2.1V and is temperature dependent. To adapt the
common-mode level of the LTC1565 to the LT5558, a level
shift network consisting of R1 to R6 and R11 to R16 is
used. The output common-mode level of the LTC1565 can
be adjusted by overriding the internally generated voltage
on pin 3 of the LTC1565.
RF OUTPUT POWER PER CARRIER (dBm)
–30
–90
–80
–70
–60
–50
–40
–160
–150
–140
–130
–120
–110
–25
–20
–15
–10
5558 TA01b
–5
0
3-CH ACPR
1-CH ACPR
3-CH NOISE
3-CH ALTCPR
1-CH ALTCPR
1-CH NOISE
DOWNLINK TEST
MODEL 64 DPCH
Figure 11. ACPR, ALTCPR and Noise for CDMA2000 Modulation
Figure 12. 1-Channel CDMA2000 Spectrum
Figure 13. 3-Channel CDMA2000 Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com