Electronic Components Datasheet Search
  English  ▼

X  

LT5558 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5558
Description  600MHz to 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5558 Datasheet(HTML) 4 Page - Linear Technology

  LT5558 Datasheet HTML 1Page - Linear Technology LT5558 Datasheet HTML 2Page - Linear Technology LT5558 Datasheet HTML 3Page - Linear Technology LT5558 Datasheet HTML 4Page - Linear Technology LT5558 Datasheet HTML 5Page - Linear Technology LT5558 Datasheet HTML 6Page - Linear Technology LT5558 Datasheet HTML 7Page - Linear Technology LT5558 Datasheet HTML 8Page - Linear Technology LT5558 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT5558
4
5558fa
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
RF Output Power vs LO Frequency
at 1VP-P Differential
Baseband Drive
Voltage Gain vs LO Frequency
Output IP3 vs LO Frequency
Output IP2 vs LO Frequency
Output 1dB Compression vs LO
Frequency
LO Feedthrough to RF Output vs
LO Frequency
2 • LO Leakage to RF Output vs
2 • LO Frequency
3 • LO Leakage to RF Output vs
3 • LO Frequency
SUPPLY VOLTAGE (V)
4.5
90
110
100
120
130
85
°C
25
°C
–40
°C
5
4.75
5558 G01
5.25
LO FREQUENCY (MHz)
550
–4
–2
0
1150 1250
5558 G02
–6
–8
650
750
850
1050
950
–10
–12
2
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
–8
–6
–4
1150 1250
5558 G03
–10
–12
650
750
850
1050
950
–14
–16
–2
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
20
22
24
1150 1250
5558 G04
18
16
650
750
850
1050
950
14
12
26
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
LO FREQUENCY (MHz)
550
65
70
1150 1250
5558 G05
60
55
650
750
850
1050
950
50
45
75
fIM2 = fBB, 1 + fBB, 2 + fLO
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
6
8
1150 1250
5558 G06
4
2
650
750
850
1050
950
0
–2
10
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
–42
1150 1250
5558 G07
–44
650
750
850
1050
950
–46
–48
–40
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
2 • LO FREQUENCY (GHz)
1.1
–40
2.3
2.5
5558 G08
–45
–50
1.3
1.5
1.7
2.1
1.9
–55
–60
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
3 • LO FREQUENCY (GHz)
1.65
–50
–45
3.5
3.75
5558 G09
–55
–60
1.95 2.25 2.55
3.15
2.85
–65
–70
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
VCC = 5V, EN = High, TA = 25°C, fLO = 900MHz,
fRF = 902MHz, PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ CM input voltage = 2.1VDC, baseband input frequency = 2MHz, I and Q 90°
shifted, without image or LO feedthrough nulling. fRF = fBB + fLO (upper side-band selection). PRF(OUT) = –10dBm (–10dBm/tone for
2-tone measurements), unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com