Electronic Components Datasheet Search
  English  ▼

X  

LT6402-6 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6402-6
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402-6 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6402-6 Datasheet HTML 8Page - Linear Technology LT6402-6 Datasheet HTML 9Page - Linear Technology LT6402-6 Datasheet HTML 10Page - Linear Technology LT6402-6 Datasheet HTML 11Page - Linear Technology LT6402-6 Datasheet HTML 12Page - Linear Technology LT6402-6 Datasheet HTML 13Page - Linear Technology LT6402-6 Datasheet HTML 14Page - Linear Technology LT6402-6 Datasheet HTML 15Page - Linear Technology LT6402-6 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT6402-6
14
64026fa
Large Output Voltage Swings
The LT6402-6 has been designed to provide the 3.2VP-P
output swing needed by the LTC1748 family of 14-bit
low-noise ADCs. This additional output swing improves
system SNR by up to 4dB.
Input Bias Voltage and Bias Current
The input pins of the LT6402-6 are internally biased to
the voltage applied to the VOCM pin. No external biasing
resistors are needed, even for AC-coupled operation. The
input bias current is determined by the voltage difference
between the input common mode voltage and the VOCM
pin (which sets the output common mode voltage). For
example, if the inputs are tied to 2.5V with the VOCM pin
at 2.2V, then a total input bias current of 1.5mA will flow
into the LT6402-6’s +INA and +INB pins. Furthermore, an
additional input bias current totaling 1.5mA will flow into
the –INA and –INB inputs.
Application (Demo) Boards
The DC954A Demo Board has been created for stand-alone
evaluation of the LT6402-6 with either single-ended or
differential input and output signals. As shown, it accepts
a single-ended input and produces a single-ended output
so that the LT6402-6 can be evaluated using standard
laboratory test equipment. For more information on this
Demo Board, please refer to the layout and schematic
diagrams found later in this data sheet.
There are also additional demo boards available that
combine the LT6402-6 with a variety of different Linear
Technology ADCs. Please contact the factory for more
information on these demo boards.
Top Silkscreen
APPLICATIONS INFORMATION
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com