Electronic Components Datasheet Search
  English  ▼

X  

LT6402-6 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6402-6
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402-6 Datasheet(HTML) 4 Page - Linear Technology

  LT6402-6 Datasheet HTML 1Page - Linear Technology LT6402-6 Datasheet HTML 2Page - Linear Technology LT6402-6 Datasheet HTML 3Page - Linear Technology LT6402-6 Datasheet HTML 4Page - Linear Technology LT6402-6 Datasheet HTML 5Page - Linear Technology LT6402-6 Datasheet HTML 6Page - Linear Technology LT6402-6 Datasheet HTML 7Page - Linear Technology LT6402-6 Datasheet HTML 8Page - Linear Technology LT6402-6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6402-6
4
64026fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristics
–3dBBW
–3dB Bandwidth
100mVP-P Differential (+OUT, –OUT)
200
300
MHz
0.1dBBW
Bandwidth for 0.1dB Flatness
100mVP-P Differential (+OUT, –OUT)
30
MHz
0.5dBBW
Bandwidth for 0.5dB Flatness
100mVP-P Differential (+OUT, –OUT)
80
MHz
SR
Slew Rate
3.2VP-P Differential (+OUT, –OUT)
400
V/μs
ts1%
1% Settling
1% Settling for a 1VP-P Differential Step
(+OUT, –OUT)
10
ns
tON
Turn-On Time
200
ns
tOFF
Turn-Off Time
1.8
μs
Common Mode Voltage Control (VOCM Pin)
–3dBBWCM
Common Mode Small-Signal –3dB
Bandwidth
0.1VP-P at VOCM, Measured Single-Ended at +OUT
and –OUT
200
MHz
SRCM
Common Mode Slew Rate
1.3V to 3.4V Step at VOCM
250
V/μs
Noise/Harmonic Performance Input/Output Characteristics
10MHz Signal
Second/Third Harmonic Distortion
2VP-P Differential (+OUTFILTERED, –OUTFILTERED)
–86
dBc
2VP-P Differential (+OUT, –OUT)
–84
dBc
Third-Order IMD
2VP-P Differential Composite (+OUTFILTERED,
–OUTFILTERED), f1 = 9.5MHz, f2 = 10.5MHz
–101
dBc
OIP310M
Output Third-Order Intercept
Differential (+OUTFILTERED, –OUTFILTERED),
f1 = 9.5MHz, f2 = 10.5MHz (Note 5)
53
dBm
NF
Noise Figure
Measured Using DC954A Demo Board
18.6
dB
en10M
Input Referred Noise Voltage Density
3.8
nV/√Hz
1dB Compression Point
RL = 100Ω (Note 5)
20.7
dBm
20MHz Signal
Second/Third Harmonic Distortion
2VP-P Differential (+OUTFILTERED, –OUTFILTERED)
–84
dBc
2VP-P Differential (+OUT, –OUT)
–73
dBc
Third-Order IMD
2VP-P Differential Composite (+OUTFILTERED,
–OUTFILTERED), f1 = 19.5MHz, f2 = 20.5MHz
–90
dBc
2VP-P Differential Composite (+OUT, –OUT),
RL = 400Ω, f1 = 19.5MHz, f2 = 20.5MHz
–71
dBc
OIP320M
Output Third-Order Intercept
Differential (+OUTFILTERED, –OUTFILTERED),
f1 = 19.5MHz, f2 = 20.5MHz
49
dBm
NF
Noise Figure
Measured Using DC954A Demo Board (Note 5)
18.6
dB
en20M
Input Referred Noise Voltage Density
3.8
nV/√Hz
1dB Compression Point
RL = 100Ω (Note 5)
17.7
dBm
TA = 25°C, VCCA = VCCB = VCCC = 5V, VEEA = VEEB = VEEC = 0V,
⎯E⎯N⎯A⎯B⎯L⎯E = 0.8V, +INA shorted to +INB (+IN), –INA shorted to –INB (–IN), VOCM = 2.2V, Input common mode voltage = 2.2V, no RLOAD
unless otherwise noted.
AC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com