Electronic Components Datasheet Search
  English  ▼

X  

LT6402-6 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6402-6
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402-6 Datasheet(HTML) 3 Page - Linear Technology

  LT6402-6 Datasheet HTML 1Page - Linear Technology LT6402-6 Datasheet HTML 2Page - Linear Technology LT6402-6 Datasheet HTML 3Page - Linear Technology LT6402-6 Datasheet HTML 4Page - Linear Technology LT6402-6 Datasheet HTML 5Page - Linear Technology LT6402-6 Datasheet HTML 6Page - Linear Technology LT6402-6 Datasheet HTML 7Page - Linear Technology LT6402-6 Datasheet HTML 8Page - Linear Technology LT6402-6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
64026fa
LT6402-6
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCCA = VCCB = VCCC = 5V, VEEA = VEEB = VEEC = 0V, ENABLE = 0.8V, +INA
shorted to +INB (+IN), –INA shorted to –INB (–IN), VOCM = 2.2V, Input common mode voltage = 2.2V, no RLOAD unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TCVOS
Input Offset Voltage Drift
TMIN to TMAX
l
2.5
μV/°C
IVRMIN
Input Voltage Range, MIN
Single-Ended
l
–0.1
V
IVRMAX
Input Voltage Range, MAX
Single-Ended
l
5.1
V
RINDIFF
Input Resistance
l
170
200
240
Ω
CINDIFF
Input Capacitance
1pF
CMRR
Common Mode Rejection Ratio
Input Common Mode –0.1V to 5.1V
l
42
65
dB
ROUTDIFF
Output Resistance
0.3
Ω
COUTDIFF
Output Capacitance
0.8
pF
Common Mode Voltage Control (VOCM Pin)
GCM
Common Mode Gain
Differential (+OUT, –OUT), VOCM = 1.2V to 3.6V
Differential (+OUT, –OUT), VOCM = 1.4V to 3.4V
l
0.9
0.9
1
1.1
1.1
V/V
V/V
VOCMMIN
Output Common Mode Voltage
Adjustment Range, MIN
l
1.2
1.4
V
V
VOCMMAX
Output Common Mode Voltage
Adjustment Range, MAX
Single-Ended
l
3.6
3.4
V
V
VOSCM
Output Common Mode Offset
Voltage
Measured from VOCM to Average of +OUT and –OUT
–30
4
30
mV
IBIASCM
VOCM Input Bias Current
l
515
μA
RINCM
VOCM Input Resistance
l
0.8
3
MΩ
CINCM
VOCM Input Capacitance
1pF
ENABLE Pin
VIL
ENABLE Input Low Voltage
l
0.8
V
VIH
ENABLE Input High Voltage
l
2V
IIL
ENABLE Input Low Current
ENABLE = 0.8V
l
0.5
μA
IIH
ENABLE Input High Current
ENABLE = 2V
l
13
μA
Power Supply
VS
Operating Range
l
4
5
5.5
V
IS
Supply Current
ENABLE = 0.8V
l
24
30
37
mA
ISDISABLED
Supply Current (Disabled)
ENABLE = 2V
l
250
500
μA
PSRR
Power Supply Rejection Ratio
4V to 5.5V
l
55
90
dB
DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com