Electronic Components Datasheet Search
  English  ▼

X  

LT6558CDHC Datasheet(PDF) 1 Page - Linear Technology

Part # LT6558CDHC
Description  550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6558CDHC Datasheet(HTML) 1 Page - Linear Technology

  LT6558CDHC Datasheet HTML 1Page - Linear Technology LT6558CDHC Datasheet HTML 2Page - Linear Technology LT6558CDHC Datasheet HTML 3Page - Linear Technology LT6558CDHC Datasheet HTML 4Page - Linear Technology LT6558CDHC Datasheet HTML 5Page - Linear Technology LT6558CDHC Datasheet HTML 6Page - Linear Technology LT6558CDHC Datasheet HTML 7Page - Linear Technology LT6558CDHC Datasheet HTML 8Page - Linear Technology LT6558CDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6558
1
6558f
550MHz, 2200V/µs Gain of 1,
Single Supply Triple Video
Amplifier with Input Bias Control
The LT®6558 is a high speed triple video amplifier with an
internal fixed gain of 1 and a programmable DC input bias
voltage. This amplifier features a 400MHz 2VP-P signal
bandwidth, 2200V/µs slew rate and a unique ability to drive
heavy output loads to 0.8V of the supply rails, making the
LT6558 ideal for a single 5V supply, wideband video applica-
tion. With just one resistor, the inputs of all three amplifiers
can be programmed to a common voltage level, simplifying
and reducing the need for external circuitry in AC-coupled
applications. Without the programming resistor, the input
bias circuit becomes inactive, allowing the use of an external
clamp circuit or direct coupled input.
The LT6558 has separate power supply and ground pins for
each amplifier to improve channel separation and to ease
power supply bypassing. The LT6558 provides uncom-
promised performance in many high speed applications
where a low voltage, single supply is required.
The LT6558 is available in 16-lead SSOP and 5mm × 3mm
DFN packages.
■
LCD Video Projectors
■
RGB HD Video Amplifiers
■
Coaxial Cable Drivers
■
Low Supply ADC Drivers
■
–3dB Small-Signal Bandwidth: 550MHz
■
–3dB 2VP-P Large-Signal Bandwidth: 400MHz
■
Slew Rate: 2200V/µs
■
Fixed Gain of 1, No External Resistors Required
■
AC Coupling with Programmable DC Input Bias
■
Output Swings to 0.8V of Supply Rails
■
Full Video Swing with 5V Single Supply
■
Differential Gain: 0.02%
■
Differential Phase: 0.02°
■
Enable/Shutdown Pin
■
High Output Current: ±90mA
■
Supply Range: 3V to 7.5V
■
Operating Temperature Range: –40°C to 85°C
■
Available in 16-Lead SSOP and 5mm × 3mm DFN
Packages
AC-Coupled Triple Video Driver
+
–
IN R
GND
EN
IN R
OUT R
V+
V+ R
V+ G
V+ B
BCV
LT6558
RL*
158
Ω
*50
Ω OR GREATER FOR RL
5V
5V
5V
5V
6558 TA01a
22
µF
220
µF
+
–
IN G
IN G
OUT G
RL*
22
µF
220
µF
+
–
IN B
IN B
OUT B
RL*
22
µF
220
µF
GND R
GND G
GND B
Fast Large-Signal Transient Response
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TIME (ns)
–10
3
4
5
6558 TA01b
2
1
0
–8 –6 –4 –2
02468
10
VS = 5V
VIN = 2VP-P
RL = 150Ω
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION


Similar Part No. - LT6558CDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6558 LINER-LT6558 Datasheet
215Kb / 12P
Single Supply Triple Video Amplifi er with Input Bias Control
LT6558 LINER-LT6558_15 Datasheet
215Kb / 12P
Single Supply Triple Video Amplifi er with Input Bias Control
More results

Similar Description - LT6558CDHC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626 AD-AD626_03 Datasheet
338Kb / 12P
Low Cost, Single-Supply Differential Amplifi er
1/03-Data Sheet changed from REV. C to REV. D.
logo
Linear Technology
LT1991 LINER-LT1991 Datasheet
279Kb / 28P
Precision, 100關A Gain Selectable Amplifi er
LT6554 LINER-LT6554 Datasheet
166Kb / 12P
650MHz Gain of 1 Triple Video Buffer
LT6557 LINER-LT6557 Datasheet
600Kb / 12P
500MHz, 2200V/關s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
logo
Analog Devices
AD626ANZ AD-AD626ANZ Datasheet
499Kb / 13P
Low Cost, Single-Supply Differential Amplifi er
REV. D
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
Automatic Gain Controlled Amplifi er
logo
Analog Devices
AD626 AD-AD626_15 Datasheet
554Kb / 13P
Low Cost, Single-Supply Differential Amplifi er
REV. D
logo
Linear Technology
LT6557 LINER-LT6557_15 Datasheet
606Kb / 12P
500MHz, 2200V/s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
LT6558 LINER-LT6558_15 Datasheet
215Kb / 12P
Single Supply Triple Video Amplifi er with Input Bias Control
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
650MHz Gain of 1 Triple Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com