Electronic Components Datasheet Search
  English  ▼

X  

LT6558CDHC Datasheet(PDF) 5 Page - Linear Technology

Part # LT6558CDHC
Description  550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6558CDHC Datasheet(HTML) 5 Page - Linear Technology

  LT6558CDHC Datasheet HTML 1Page - Linear Technology LT6558CDHC Datasheet HTML 2Page - Linear Technology LT6558CDHC Datasheet HTML 3Page - Linear Technology LT6558CDHC Datasheet HTML 4Page - Linear Technology LT6558CDHC Datasheet HTML 5Page - Linear Technology LT6558CDHC Datasheet HTML 6Page - Linear Technology LT6558CDHC Datasheet HTML 7Page - Linear Technology LT6558CDHC Datasheet HTML 8Page - Linear Technology LT6558CDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT6558
5
6558f
FREQUENCY (MHz)
1
10
100
1000
6558 G16
–1
–2
–3
–4
–5
5
3
4
2
1
0
VS = 5V
RL = 150Ω
VOUT = 200mVP-P
VOUT = 2VP-P
FREQUENCY (MHz)
1
10
100
1000
6558 G17
–1
–2
–3
–4
–5
5
3
4
2
1
0
VS = 5V
VOUT = 2VP-P
RL = 150Ω
IN-R
IN-G
IN-B
FREQUENCY (MHz)
1
–0.1
0
0.1
0.2
0.3
10
100
1000
6558 G18
–0.2
–0.3
–0.4
–0.5
0.4
0.5
VS = 5V
VOUT = 2VP-P
RL = 150Ω
IN-R
IN-G
IN-B
TEMPERATURE (
°C)
–50
60
70
80
25
75
6558 G15
50
40
–25
0
50
100
125
30
20
VS = 5V
RBCV = 158Ω
TEMPERATURE (
°C)
–50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
25
75
6558 G14
1.5
1.0
–25
0
50
100
125
0.5
0
VS = 5V
RBCV = 158Ω
BVC-RESISTANCE (
Ω)
1.5
3.0
3.5
2.0
2.5
6558 G13
1.0
160
120
140
240
260
180
200
220
VS = 5V
INPUT VOLTAGE (V)
3
4
5
6558 G10
2
1
0
VS = 5V
RLOAD = 150Ω TO VS/2
TA = 125°C
04
123
5
TA = 25°C
TA = –55°C
LOAD CURRENT (mA)
0
4.0
4.5
5.0
80
6558 G11
3.5
3.0
2.5
10 20 30 40 50 60 70
90 100
VS = 5V
VIN = 4.5V
TA = 125°C
TA = –55°C
TA = 25°C
LOAD CURRENT (mA)
0
1.5
2.0
2.5
80
6558 G12
1.0
0.5
0
10 20 30 40 50 60 70
90 100
VS = 5V
VIN = 0V
TA = 125°C
TA = –55°C
TA = 25°C
Output Voltage vs Input Voltage
Output Voltage Swing
vs Load Current (Output High)
Input Bias Voltage vs Resistance
at BCV Pin
Input Bias Voltage vs Temperature
Bias Control Voltage
vs Temperature
Frequency Response of Three
Amplifiers
Gain Flatness vs Frequency
Output Voltage Swing
vs Load Current (Output Low)
Frequency Response
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com