Electronic Components Datasheet Search
  English  ▼

X  

LT6558CDHC Datasheet(PDF) 12 Page - Linear Technology

Part # LT6558CDHC
Description  550MHz, 2200V/關s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6558CDHC Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6558CDHC Datasheet HTML 4Page - Linear Technology LT6558CDHC Datasheet HTML 5Page - Linear Technology LT6558CDHC Datasheet HTML 6Page - Linear Technology LT6558CDHC Datasheet HTML 7Page - Linear Technology LT6558CDHC Datasheet HTML 8Page - Linear Technology LT6558CDHC Datasheet HTML 9Page - Linear Technology LT6558CDHC Datasheet HTML 10Page - Linear Technology LT6558CDHC Datasheet HTML 11Page - Linear Technology LT6558CDHC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT6558
12
6558f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0906 • PRINTED IN USA
DC-Coupled Split Supply Operation
GND
EN
IN Y
V+
V+
V+
V+
BCV
LT6558
75
Ω
OUT_Y
OUT_Pb
OUT_Pr
2.5V
6558 TA02
75
Ω
IN Pb
75
Ω
75
Ω
–2.5V
IN Pr
3
2
1
4
5
6
7
8
14
15
16
13
12
11
10
9
75
Ω
75
Ω
+
–
+
–
+
–
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1399
300MHz Triple Current Feedback Amplifier
0.1dB Gain Flatness to 150MHz, Shutdown
LT1675
250MHz Triple RGB Multiplexer
100MHz Pixel Switching, 1100V/µs Slew Rate, 16-Lead SSOP
LT6550/LT6551
3.3V Triple and Quad Video Buffers
110MHz Gain of 2 Buffers in MS Package
LT6553
650MHz Gain of 2 Triple Video Amplifier
Optimized for Driving 75Ω Cables
LT6554
650MHz Gain of 1 Triple Video Amplifier
Performance Similar to the LT6553 with AV = 1, 16-Lead SSOP
LT6555
650MHz Gain of 2 Triple Video Multiplexer
Optimized for Driving 75Ω Cables
LT6556
750MHz Gain of 1 Triple Video Multiplexer
High Slew Rate 2100V/µs
LT6557
500MHz, Gain of 2 Triple Video Amplifier
Optimized for Single 5V Supply Driving 75Ω Cables, High Slew Rate 2200V/µs
LT6559
Low Cost, 300MHz, Triple Video Amplifier
3mm × 3mm QFN Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com