Electronic Components Datasheet Search
  English  ▼

X  

LTC1062CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1062CSW
Description  5th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1062CSW Datasheet HTML 4Page - Linear Technology LTC1062CSW Datasheet HTML 5Page - Linear Technology LTC1062CSW Datasheet HTML 6Page - Linear Technology LTC1062CSW Datasheet HTML 7Page - Linear Technology LTC1062CSW Datasheet HTML 8Page - Linear Technology LTC1062CSW Datasheet HTML 9Page - Linear Technology LTC1062CSW Datasheet HTML 10Page - Linear Technology LTC1062CSW Datasheet HTML 11Page - Linear Technology LTC1062CSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1062
1062fd
AC Coupling an External CMOS Clock Powered
from a Single Positive Supply, V+
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
0.01µF
V+
0
1062 TA03
C
VIN
V+
100k
VOUT
V–
Adding an External (R1, C1) to Eliminate the Clock Feedthrough and
to Improve the High Frequency Attenuation Floor
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
VOUT
V+
fCLK
1062 TA04
C
C1
0.01C
VIN
R
V–
R1
10R
–
+
EXTERNAL
BUFFER
Filtering AC Signals from High DC Voltages
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
CLK IN = fC • 100
1062 TA05
C
0.01µF
C
0.01µF
12R
309.6k
VIN
R
25.8k
V– = –5V
V+ = 5V
DC OUTPUT
EXAMPLE:
fCLK = 100KHz, fC = 1kHz. THE FILTER ACCURATELY PASSES
THE HIGH DC INPUT AND ACTS AS 5TH ORDER LP FILTER
FOR THE AC SIGNALS RIDING ON THE DC
HIGH DC INPUT = 100V
fIN/fC
0.01
–1.4
–1.0
–0.6
0.2
0.1
1
1062 TA06
–0.2
–1.2
–0.8
0
–0.4
VS = ±5V
fCLK = 100kHz
Passband Amplitude Response for the
High DC Accurate 5th Order Filter
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com