Electronic Components Datasheet Search
  English  ▼

X  

LTC1062CSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1062CSW
Description  5th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062CSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1062CSW Datasheet HTML 5Page - Linear Technology LTC1062CSW Datasheet HTML 6Page - Linear Technology LTC1062CSW Datasheet HTML 7Page - Linear Technology LTC1062CSW Datasheet HTML 8Page - Linear Technology LTC1062CSW Datasheet HTML 9Page - Linear Technology LTC1062CSW Datasheet HTML 10Page - Linear Technology LTC1062CSW Datasheet HTML 11Page - Linear Technology LTC1062CSW Datasheet HTML 12Page - Linear Technology LTC1062CSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1062
1062fd
Cascading Two LTC1062s to Form a Very
Selective Clock Sweepable Bandpass Filter
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
1062 TA07
VIN
R1
10k
fCLK
VOUT
5V
–5V
5V
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
–5V
R2
10k
R′1
10k
R′2
12.5k
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
1062 TA08
VIN
R1
–5V
fCLK
VOUT
5V
R2
R3
Clock Tunable Notch Filter
For Simplicity Use R3 = R4 = R5 = 10k;
R5
R4
R5
R2
= 1.234,
=
79.3
1
fCLK
fNOTCH
Frequency Response of the Bandpass Filter
(kHz)
0.5
–80
–60
–40
–20
1
1.5
2
2.5
1062 TA09
3
3.5
4
4.5
0
–90
–70
–50
–30
10
20
–10
VS = ±5V
VIN = 100mVRMS
= 1
R1
R2
= 0.8
R′1
R′2
Frequency Response of the Notch Filter
(Hz)
100
–10
0
10
20
30
40
50
60
70
900
1062 TA10
300
500
700
1100
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com