Electronic Components Datasheet Search
  English  ▼

X  

LTC1062CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1062CSW
Description  5th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1062CSW Datasheet HTML 1Page - Linear Technology LTC1062CSW Datasheet HTML 2Page - Linear Technology LTC1062CSW Datasheet HTML 3Page - Linear Technology LTC1062CSW Datasheet HTML 4Page - Linear Technology LTC1062CSW Datasheet HTML 5Page - Linear Technology LTC1062CSW Datasheet HTML 6Page - Linear Technology LTC1062CSW Datasheet HTML 7Page - Linear Technology LTC1062CSW Datasheet HTML 8Page - Linear Technology LTC1062CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1062
1062fd
8
7
6
5
1
2
3
4
SWITCHED
CAPACITOR
NETWORK
CLOCK GEN
÷ 1, 2, 4
OSC
BOUT
OUT
V+
COSC
1062 BD
÷
V–
AGND
FB
fCLK
×1
BY CONNECTING PIN 4 TO V+, AGND OR V–, THE
OUTPUT FREQUENCY OF THE INTERNAL CLOCK
GENERATOR IS THE OSCILLATOR FREQUENCY DI-
VIDED BY 1, 2, 4. THE (fCLK/fC) RATIO OF 100:1 IS
WITH RESPECT TO THE INTERNAL CLOCK GENERA-
TOR OUTPUT FREQUENCY. PIN 5 CAN BE DRIVEN
WITH AN EXTERNAL CMOS LEVEL CLOCK. THE
LTC1062 CAN ALSO BE SELF-CLOCKED BY CON-
NECTING AN EXTERNAL CAPACITOR (COSC) TO
GROUND (OR TO V– IF COSC IS POLARIZED). UNDER
THIS CONDITION AND WITH ±5V SUPPLIES, THE
INTERNAL OSCILLATOR FREQUENCY IS:
fOSC ≅ 140kHz [33pF/(33pF + COSC)]
AC TEST CIRCUIT
FB
AGND
V–
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
0.1µF
MEASURED
OUTPUT
7
4
8
1
6
0.1µF
1062 F01
C = 0.01µF
VIN
R = 25.8k
50Ω
5V
–5V
2
3
–5V
5V
fCLK = 100kHz
5V
V– = –5V
R′
–
+
LTC1052
1
2πRC
FOR BEST MAX FLAT APPROXIMATION,
THE INPUT RC SHOULD BE SUCH AS:
A 0.5k RESISTOR, R′, SHOULD BE USED IF
THE BIPOLAR EXTERNAL CLOCK IS APPLIED
BEFORE THE POWER SUPPLIES TURN ON
1
1.63
fCLK
100
=
•
For Adjusting Oscillator Frequency, Insert a 50k Pot in Series with COSC. Use Two Times Calculated COSC
Figure 1
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com