Electronic Components Datasheet Search
  English  ▼

X  

LT3479 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3479
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3479 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3479 Datasheet HTML 9Page - Linear Technology LT3479 Datasheet HTML 10Page - Linear Technology LT3479 Datasheet HTML 11Page - Linear Technology LT3479 Datasheet HTML 12Page - Linear Technology LT3479 Datasheet HTML 13Page - Linear Technology LT3479 Datasheet HTML 14Page - Linear Technology LT3479 Datasheet HTML 15Page - Linear Technology LT3479 Datasheet HTML 16Page - Linear Technology LT3479 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3479
13
3479fb
TYPICAL APPLICATIONS
169k
30.9k
17.8k
4.3k
C1
2.2μF
VIN
3.3V
D1
L1
4.7μH
3479 TA05
FBN
SW
L
VS
VIN
VC
GND
RT
VREF
SHDN
SS
LT3479
FBP
10nF
C1: TAIYO YUDEN LMK316BJ225MD
C2: AVX 1206 YD106MAT
D1: DIODES INC B320A
L1: TOKO FDV0630-4R7M
C2
10μF
VOU
8V
0.9A
10nF
3.3V to 8V/900mA Boost Converter
IOUT (A)
0
70
80
0.8
3479 TA03b
60
50
0.2
0.4
0.6
90
65
75
55
85
Efficiency
100k
402k
17.8k
1k
C1
2.2μF
VIN
5V
100pF
D1
D3
D2
C2
2.2μF
L1
4.7μH
3479 TA06
15nF
C1, C2: TAIYO YUDEN LMK316BJ225MD
C3: AVX 1206 YD106MAT
D1, D2: DIODES INC B320A
D3: CENTRAL SEMI, CMDSH-3-LTC
L1: TOKO FDV0630-4R7M
C3
10μF
VOUT
–5V
600mA
10nF
FBP
SW
L
VS
VIN
VC
GND
RT
VREF
SHDN
SS
LT3479
FBN
5V to –5V/600mA Inverting DC/DC Converter
IOUT (A)
0
70
80
0.8
3479 TA04b
60
50
0.2
0.4
0.6
90
65
75
55
85
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com