Electronic Components Datasheet Search
  English  ▼

X  

LT3479 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3479
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3479 Datasheet(HTML) 4 Page - Linear Technology

  LT3479 Datasheet HTML 1Page - Linear Technology LT3479 Datasheet HTML 2Page - Linear Technology LT3479 Datasheet HTML 3Page - Linear Technology LT3479 Datasheet HTML 4Page - Linear Technology LT3479 Datasheet HTML 5Page - Linear Technology LT3479 Datasheet HTML 6Page - Linear Technology LT3479 Datasheet HTML 7Page - Linear Technology LT3479 Datasheet HTML 8Page - Linear Technology LT3479 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3479
4
3479fb
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCH CURRENT (A)
0
0
0.1
0.2
0.3
125°C
–50°C
0.5
0.4
0.5
1
1.5
2
3479 G01
2.5
3
25°C
TEMPERATURE (°C)
–50
4
5
6
25
75
3479 G02
3
2
–25
0
50
100
125
1
0
INDUCTOR CURRENT LIMIT
SWITCH CURRENT LIMIT
TEMPERATURE (°C)
–50
1.21
1.22
1.23
1.24
1.26
1.25
1.27
–25
0
25
50
3479 G03
75
125
100
150
VIN = 24V
VIN = 2.5V
TEMPERATURE (°C)
–50
1.250
1.375
1.500
1.625
1.750
–25
0
25
50
3479 G04
75
100
125
VSHDN (V)
0
0
10
20
30
40
50
4
812
16
3479 G05
20
24
–50°C
25°C
125°C
TEMPERATURE (°C)
–50
2
3
4
5
6
–25
0
25
50
3479 G06
75
125
100
150
VC = 0.3V
TEMPERATURE (°C)
–50
0
5
10
15
20
–25
0
25
50
3479 G07
75
125
100
150
TEMPERATURE (°C)
–50
0
0.4
0.8
1.2
1.6
2.0
–25
0
25
50
3479 G08
75
125
100
150
RT = 10k
RT = 15k
RT = 20k
TEMPERATURE ( C)
–50
0
1
2
3
4
5
–25
025
50
3479 G09
75
100
VC = 0.5V
VC = 1V
SHDN Pin Turn-On Threshold
SHDN Pin Current
VIN Pin Current
Soft-Start Pin Current
Oscillator Frequency
Feedback Amplifier Offset Voltage
Switch VCE(SAT)
Inductor and Switch Current Limit
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com