Electronic Components Datasheet Search
  English  ▼

X  

LT3479 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3479
Description  3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3479 Datasheet(HTML) 3 Page - Linear Technology

  LT3479 Datasheet HTML 1Page - Linear Technology LT3479 Datasheet HTML 2Page - Linear Technology LT3479 Datasheet HTML 3Page - Linear Technology LT3479 Datasheet HTML 4Page - Linear Technology LT3479 Datasheet HTML 5Page - Linear Technology LT3479 Datasheet HTML 6Page - Linear Technology LT3479 Datasheet HTML 7Page - Linear Technology LT3479 Datasheet HTML 8Page - Linear Technology LT3479 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3479
3
3479fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3479 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.3
2.5
V
Quiescent Current
VIN = 2.5V, VSHDN = 0V
VIN = 2.5V, VSHDN = 2.5V, VC = 0.3V (Not Switching)
0.1
5
1
7.5
μA
mA
Reference Voltage
Measured at VREF Pin
l
1.216
1.235
1.250
V
Reference Voltage Line Regulation
2.5V < VIN < 24V, VC = 0.3V
0.01
0.03
%/V
Maximum VREF Pin Current
Out of Pin
100
μA
Soft-Start Pin Current
SS = 0.5V, Out of Pin
9
μA
FBP Pin Bias Current
25
100
nA
FBN Pin Bias Current
25
100
nA
Feedback Amplifier Offset Voltage
FBP – FBN, VC = 1V
–2
2
6
mV
Feedback Amplifier Voltage Gain
250
V/V
Feedback Amplifier Transconductance
150
μS
Feedback Amplifier Sink Current
VFBP = 1.25V, VFBN = 1.5V, VC = 0.5V
10
μA
Feedback Amplifier Source Current
VFBP = 1.25V, VFBN = 1V, VC = 0.5V
10
μA
Switching Frequency
RT = 17.8k
RT = 113k
RT = 1.78k
0.9
160
2.7
1
200
3.5
1.15
240
4.1
MHz
kHz
MHz
Maximum Switch Duty Cycle
RT = 17.8k
l
84
93
%
SHDN Pin Current
VSHDN = 5V
VSHDN = 0V
30
0.1
60
1
μA
μA
SHDN Pin Threshold
0.3
1.5
2
V
Inductor Current Limit
(Note 3)
3.5
5
6.5
A
Switch Current Limit
(Note 3)
3
4.5
6
A
Switch VCESAT
ISW = 1A (Note 3)
120
200
mV
Switch Leakage Current
SW = 40V
0.2
5
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V, VSHDN = 2.5V.
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Inductor Current Limit, Switch Current Limit and Switch VCESAT for
DE package guaranteed by design and/or correlation to static test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com