Electronic Components Datasheet Search
  English  ▼

X  

LT3480 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3480
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3480 Datasheet HTML 9Page - Linear Technology LT3480 Datasheet HTML 10Page - Linear Technology LT3480 Datasheet HTML 11Page - Linear Technology LT3480 Datasheet HTML 12Page - Linear Technology LT3480 Datasheet HTML 13Page - Linear Technology LT3480 Datasheet HTML 14Page - Linear Technology LT3480 Datasheet HTML 15Page - Linear Technology LT3480 Datasheet HTML 16Page - Linear Technology LT3480 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3480
13
3480fb
APPLICATIONS INFORMATION
operation, the noise is typically very quiet to a casual ear.
If this is unacceptable, use a high performance tantalum
or electrolytic capacitor at the output.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT3480. A ceramic
input capacitor combined with trace or cable inductance
forms a high quality (under damped) tank circuit. If the
LT3480 circuit is plugged into a live supply, the input volt-
age can ring to twice its nominal value, possibly exceeding
the LT3480’s rating. This situation is easily avoided (see
the Hot Plugging Safely section).
Frequency Compensation
The LT3480 uses current mode control to regulate the
output. This simplifies loop compensation. In particular, the
LT3480 does not require the ESR of the output capacitor
for stability, so you are free to use ceramic capacitors to
achieve low output ripple and small circuit size. Frequency
compensation is provided by the components tied to the
VC pin, as shown in Figure 2. Generally a capacitor (CC)
and a resistor (RC) in series to ground are used. In addi-
tion, there may be lower value capacitor in parallel. This
capacitor (CF) is not part of the loop compensation but
is used to filter noise at the switching frequency, and is
required only if a phase-lead capacitor is used or if the
output capacitor has high ESR.
Loop compensation determines the stability and transient
performance. Designing the compensation network is
a bit complicated and the best values depend on the
application and in particular the type of output capacitor.
A practical approach is to start with one of the circuits in
this data sheet that is similar to your application and tune
the compensation network to optimize the performance.
Stability should then be checked across all operating
conditions, including load current, input voltage and
temperature. The LT1375 data sheet contains a more
thorough discussion of loop compensation and describes
how to test the stability using a transient load. Figure 2
shows an equivalent circuit for the LT3480 control loop.
The error amplifier is a transconductance amplifier with
finite output impedance. The power section, consisting
of the modulator, power switch and inductor, is modeled
as a transconductance amplifier generating an output
0.8V
SW
VC
gm =
420μmho
GND
3M
LT3480
3480 F02
R1
OUTPUT
ESR
CF
CC
RC
ERROR
AMPLIFIER
FB
R2
C1
C1
CURRENT MODE
POWER STAGE
gm = 3.5mho
+
POLYMER
OR
TANTALUM
CERAMIC
CPL
Figure 2. Model for Loop Response
current proportional to the voltage at the VC pin. Note that
the output capacitor integrates this current, and that the
capacitor on the VC pin (CC) integrates the error amplifier
output current, resulting in two poles in the loop. In most
cases a zero is required and comes from either the output
capacitor ESR or from a resistor RC in series with CC.
This simple model works well as long as the value of the
inductor is not too high and the loop crossover frequency
is much lower than the switching frequency. A phase lead
capacitor (CPL) across the feedback divider may improve
the transient response. Figure 3 shows the transient
response when the load current is stepped from 500mA
to 1500mA and back to 500mA.
Figure 3. Transient Load Response of the LT3480 Front Page
Application as the Load Current is Stepped from 500mA to
1500mA. VOUT = 3.3V
3480 F03
IL
0.5A/DIV
VOUT
100mV/DIV
10μs/DIV
VIN = 12V; FRONT PAGE APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com