Electronic Components Datasheet Search
  English  ▼

X  

LT3480 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3480
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480 Datasheet(HTML) 3 Page - Linear Technology

  LT3480 Datasheet HTML 1Page - Linear Technology LT3480 Datasheet HTML 2Page - Linear Technology LT3480 Datasheet HTML 3Page - Linear Technology LT3480 Datasheet HTML 4Page - Linear Technology LT3480 Datasheet HTML 5Page - Linear Technology LT3480 Datasheet HTML 6Page - Linear Technology LT3480 Datasheet HTML 7Page - Linear Technology LT3480 Datasheet HTML 8Page - Linear Technology LT3480 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3480
3
3480fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: The LT3480E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LT3480I specifications are
guaranteed over the –40°C to 125°C temperature range.
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, VBOOST = 15V, VBD = 3.3V unless otherwise noted. (Note 2)
Note 3: Bias current flows out of the FB pin.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.
Note 5: Absolute Maximum Voltage at VIN and RUN/SS pins is 60V for
nonrepetitive 1 second transients, and 40V for continious operation.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current from VIN
VRUN/SS = 0.2V
VBD = 3V, Not Switching
VBD = 0, Not Switching
l
0.01
30
105
0.5
100
160
μA
μA
μA
Quiescent Current from BD
VRUN/SS = 0.2V
VBD = 3V, Not Switching
VBD = 0, Not Switching
l
0.01
80
1
0.5
120
5
μA
μA
μA
Minimum Bias Voltage (BD Pin)
2.7
3
V
Feedback Voltage
l
780
775
790
790
800
805
mV
mV
FB Pin Bias Current (Note 3)
VFB = 0.8V, VC = 0.4V
l
730
nA
FB Voltage Line Regulation
4V < VIN < 36V
0.002
0.01
%/V
Error Amp gm
400
μMho
Error Amp Gain
1000
VC Source Current
45
μA
VC Sink Current
45
μA
VC Pin to Switch Current Gain
3.5
A/V
VC Clamp Voltage
2V
Switching Frequency
RT = 8.66k
RT = 29.4k
RT = 187k
2.1
0.9
160
2.4
1
200
2.7
1.15
240
MHz
MHz
kHz
Minimum Switch Off-Time
l
60
150
nS
Switch Current Limit
Duty Cycle = 5%
3
3.5
4
A
Switch VCESAT
ISW = 2A
500
mV
Boost Schottky Reverse Leakage
VSW = 10V, VBD = 0V
0.02
2
μA
Minimum Boost Voltage (Note 4)
l
1.5
2.1
V
BOOST Pin Current
ISW = 1A
22
35
mA
RUN/SS Pin Current
VRUN/SS = 2.5V
5
10
μA
RUN/SS Input Voltage High
2.5
V
RUN/SS Input Voltage Low
0.2
V
PG Threshold Offset from Feedback Voltage
VFB Rising
100
mV
PG Hysteresis
12
mV
PG Leakage
VPG = 5V
0.1
1
μA
PG Sink Current
VPG = 0.4V
l
100
600
μA
SYNC Low Threshold
0.5
V
SYNC High Threshold
0.7
V
SYNC Pin Bias Current
VSYNC = 0V
0.1
μA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com