Electronic Components Datasheet Search
  English  ▼

X  

LT3480 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3480
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3480 Datasheet HTML 15Page - Linear Technology LT3480 Datasheet HTML 16Page - Linear Technology LT3480 Datasheet HTML 17Page - Linear Technology LT3480 Datasheet HTML 18Page - Linear Technology LT3480 Datasheet HTML 19Page - Linear Technology LT3480 Datasheet HTML 20Page - Linear Technology LT3480 Datasheet HTML 21Page - Linear Technology LT3480 Datasheet HTML 22Page - Linear Technology LT3480 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3480
19
3480fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS
3.3V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
4.4V TO 36V
TRANSIENT
TO 60V*
VOUT
3.3V
2A
4.7μF
0.47μF
22μF
100k
f = 800kHz
D: DIODES INC. DFLS240L
L: TAIYO YUDEN NP06DZB4R7M
D
14k
40.2k
L
4.7μH
316k
GND
470pF
ON OFF
LT3480
3480 TA03
RUN/SS
BOOST
SYNC
2.5V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
4V TO 36V
TRANSIENT
TO 60V*
VOUT
2.5V
2A
4.7μF
1μF
47μF
100k
f = 600kHz
D1: DIODES INC. DFLS240L
D2: MBR0540
L: TAIYO YUDEN NP06DZB4R7M
D1
20k
56.2k
L
4.7μH
215k
GND
330pF
ON OFF
LT3480
D2
3480 TA04
RUN/SS
BOOST
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com