Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 1 Page - Linear Technology

  LT3496 Datasheet HTML 1Page - Linear Technology LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3496
1
3496fe
FEATURES
APPLICATIONS
DESCRIPTION
Triple Output LED Driver
The LT
®3496 is a triple output DC/DC converter designed
to operate as a constant-current source and is ideal for
driving LEDs. The LT3496 works in buck, boost or buck-
boost mode. The LT3496 uses a fixed frequency, current
mode architecture resulting in stable operation over a
wide range of supply and output voltages. A frequency
adjust pin allows the user to program switching frequency
between 330kHz and 2.1MHz to optimize efficiency and
external component size.
The LT3496 supports 3000:1 dimming control on each
channel. Each of the three regulators is independently
operated by that channel’s PWM signal. The PWM feature
allows precise adjustment of the color mixing or dimming
ratio of the LED source. Each of the three channels has
a built-in gate driver to drive an external LED-disconnect
P-channel MOSFET, allowing high dimming range. The
output current range of each channel of the LT3496 is
programmed with an external sense resistor.
The CTRL pin is used to adjust the LED current either for
analog dimming or overtemperature protection.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents, including
7199560, 7321203, and others pending.
n True Color PWM™ Dimming Delivers Up to 3000:1
Dimming Ratio
n Built-In Gate Driver for PMOS LED Disconnect
n Three Independent Driver Channels with 750mA,
45V Internal Switches
n Operates in Buck, Boost, Buck-Boost Modes
n CTRL Pin Accurately Sets LED Current Sense
Threshold Over a Range of 10mV to 100mV
n Adjustable Frequency: 330kHz to 2.1MHz
n Open LED Protection
n Wide Input Voltage Range:
Operation from 3V to 30V
Transient Protection to 40V
n Surface Mount Components
n 28-Lead (4mm
× 5mm) QFN and TSSOP Packages
n RGB Lighting
n Billboards and Large Displays
n Automotive and Avionic Lighting
n Constant-Current Sources
High Dimming Ratio Triple Output LED Power Supply
3000:1 PWM Dimming at 120Hz
TYPICAL APPLICATION
PWM
5V/DIV
0.5μs/DIV
3496 TA01b
ILED
0.5A/DIV
IL
0.5A/DIV
0.5A
0.47μF 0.47μF
LED1
200mΩ
200mΩ
TG1
PVIN
42V
7 LEDs
18μH
CAP1
0.5A
LED2
TG2
18μH
CAP2
0.5A
0.47μF
LED3
1μF
3
200mΩ
470pF
3496 TA01a
TG3
18μH
CAP3
SW1
SW2
LT3496
GND
SW3
TG1-3
VC1-3
VREF
CTRL1-3
FADJ
OVP1-3
CAP1-3
LED1-3
VIN
PWM1-3
SHDN
PWM1-3
SHDN
VIN
3V TO 24V
1μF
22k


Similar Part No. - LT3496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
441Kb / 24P
60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3496 LINER-LT3496 Datasheet
403Kb / 28P
32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3496 LINER-LT3496 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3496 LINER-LT3496 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3496 LINEAR_DIMENSIONS-LT3496 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3496

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
Triple Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
logo
Linear Technology
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
Triple Output LED Driver
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com