Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 3 Page - Linear Technology

  LT3496 Datasheet HTML 1Page - Linear Technology LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3496
3
3496fe
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = 5V, CAP1-3 = 5V, PWM1-3 = 5V, FADJ = 0.5V,
CTRL1-3 = 1.5V, OVP1-3 = 0V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operation Voltage
(Note 4)
3
30
V
VIN Undervoltage Lockout
2.1
2.4
V
Full-Scale LED Current Sense Voltage
CAP1-3 = 24V
l
98
97
100
103
104
mV
mV
One-Tenth Scale LED Current Sense Voltage
CTRL1-3 = 100mV, CAP1-3 = 24V
l
7.5
10
12.5
mV
CAPn/LEDn Operating Voltage
2.5
45
V
VREF Output Voltage
IREF = 200μA, Current Out of Pin
l
1.96
2
2.04
V
VREF Line Regulation
3V ≤ VIN ≤ 40V, IREF = 10μA
0.03
%/V
Quiescent Current in Shutdown
SHDN = 0V
0.1
10
μA
Quiescent Current Idle
PWM1-PWM3 = 0V
6
7.5
mA
Quiescent Current Active (Not Switching)
VC1-VC3 = 0V
11
14
mA
Switching Frequency
FADJ = 1.5V
FADJ = 0.5V
FADJ = 0.1V
1900
2100
1300
330
2300
kHz
kHz
kHz
Maximum Duty Cycle
FADJ = 1.5V (2.1MHz)
FADJ = 0.5V (1.3MHz)
FADJ = 0.1V (330kHz)
l
70
78
87
97
%
%
%
CTRL1-3 Input Bias Current
Current Out of Pin, CTRL1-3 = 0.1V
20
100
nA
FADJ Input Bias Current
Current Out of Pin, FADJ = 0.1V
20
100
nA
OVP1-3 Input Bias Current
Current Out of Pin, OVP1-3 = 0.1V
10
100
nA
OVP1-3 Threshold
0.95
1
1.05
V
VC1-3 Idle Input Bias Current
PWM1-3 = 0V
–20
0
20
nA
VC1-3 Output Impedance
CAP1-3 = 24V
4.5
MΩ
EAMP gm (ΔIVC/ΔVCAP-LED)
CAP1-3 = 24V
200
μS
SW1-3 Current Limit
(Note 3)
750
1000
1250
mA
SW1-3 VCESAT
ISW = 500mA (Note 3)
260
mV
SW1-3 Leakage Current
SHDN = 0V, SW = 5V
2
μA
CAP1-3 Input Bias Current
180
250
μA
CAP1-3, LED1-3 Idle Input Bias Current
PWM1-3 = 0V
1
μA
CAP1-3, LED1-3 Input Bias Current in Shutdown
SHDN = 0V
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com