Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 4 Page - Linear Technology

  LT3496 Datasheet HTML 1Page - Linear Technology LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3496
4
3496fe
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3496E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3496I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = 5V, CAP1-3 = 5V, PWM1-3 = 5V, FADJ = 0.5V,
CTRL1-3 = 1.5V, OVP1-3 = 0V, unless otherwise noted.
Note 3: Current flows into pin. Current limit and switch VCESAT is
guaranteed by design and/or correlation to static test.
Note 4: Absolute maximum voltage at the VIN and SHDN pins is 40V for
nonrepetitive 1 second transients, and 30V for continuous operation.
Note 5: Gate turn-on/turn-off delay is measured from 50% level of PWM
voltage to 90% level of gate on/off voltage.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Input Low Voltage
0.4
V
SHDN Input High Voltage
1.5
V
SHDN Pin Current
VSHDN = 5V, Current Into Pin
65
100
μA
PWM1-3 Input Low Voltage
0.4
V
PWM1-3 Input High Voltage
1.2
V
PWM1-3 Pin Current
Current Into Pin
160
210
μA
Gate Off Voltage (CAP1-3–TG1-3)
CAP1-3 = 40V, PWM1-3 = 0V
0.1
0.3
V
Gate On Voltage (CAP1-3–TG1-3)
CAP1-3 = 40V
5.5
6.5
7.5
V
Gate Turn-On Delay
CLOAD = 300pF, CAP1-3 = 40V (Note 5)
110
ns
Gate Turn-Off Delay
CLOAD = 300pF, CAP1-3 = 40V (Note 5)
110
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com